Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW011053 Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # MASW011053
Description  HMIC Silicon PIN Diode SP3T Switch with Integrated Bias Network
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW011053 Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

  MASW011053_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW011053_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW011053_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW011053_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW011053_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW011053_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
HMIC Silicon PIN Diode SP3T Switch with Integrated Bias Network
2 - 18 GHz
Rev. V1
MASW-011053
6
6
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
6
Outline Drawing7,8,9
7. Unless otherwise specified, all dimensions shown as µm, with tolerance ±5 µm.
8. Die thickness is 125 +10 µm.
9. Topside and backside metallization is gold, 2.5 µm thick typical.
Wire Bonding:
Thermosonic wedge wire bonding using 0.00025” x 0.003” ribbon or 0.001” diameter gold wire is
recommended. A heat stage temperature of 150oC and a force of 18 to 22 grams should be used. Ultrasonic
energy should be adjusted to the minimum required to achieve a good bond. RF bond wires should be kept as
short and straight as possible.
Mounting
The HMIC switches have Ti-Pt-Au back metal. They can be die mounted with a gold-tin eutectic solder
preform or conductive epoxy. Mounting surface must be clean and flat.
Eutectic Die Attachment:
An 80/20, gold-tin, eutectic solder preform is recommended with a work surface temperature of 255oC and a
tool tip temperature of 265oC. When hot gas is applied, the tool tip temperature should be 290oC. The chip
should not be exposed to temperatures greater than 320oC for more than 20 seconds. No more than three
seconds should be required for attachment. Solders containing tin should not be used.
Epoxy Die Attachment:
A minimum amount of epoxy should be used. A thin epoxy fillet should be visible around the perimeter of the
chip after placement. Cure epoxy per manufacturer’s schedule (typically 125-150oC).
Wire/Ribbon and Die Attachment Recommendations



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com