Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFF310 Datasheet(PDF) 4 Page - Intersil Corporation

Part # IRFF310
Description  1.35A, 400V, 3.600 Ohm, N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFF310 Datasheet(HTML) 4 Page - Intersil Corporation

  IRFF310 Datasheet HTML 1Page - Intersil Corporation IRFF310 Datasheet HTML 2Page - Intersil Corporation IRFF310 Datasheet HTML 3Page - Intersil Corporation IRFF310 Datasheet HTML 4Page - Intersil Corporation IRFF310 Datasheet HTML 5Page - Intersil Corporation IRFF310 Datasheet HTML 6Page - Intersil Corporation IRFF310 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. OUTPUT CHARACTERISTICS
FIGURE 6. SATURATION CHARACTERISTICS
FIGURE 7. TRANSFER CHARACTERISTICS
NOTE: Heating effect of 2
µs pulse is minimal.
FIGURE 8. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
FIGURE 9. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
Typical Performance Curves TC = 25oC, Unless Otherwise Specified (Continued)
50
1000
110
100
0.05
VDS, DRAIN TO SOURCE VOLTAGE (V)
OPERATION IN THIS
AREA IS LIMITED
BY rDS(ON)
10ms
100ms
1ms
10
µs
100
µs
DC
10
1
0.1
TC = 25
oC
TJ = MAX RATED
SINGLE PULSE
VDS, DRAIN TO SOURCE VOLTAGE (V)
10
20
30
40
050
10
8
6
0
4
VGS = 8V
VGS = 7V
VGS = 6V
VGS = 4V
80
µs PULSE TEST
2
VGS = 5V
VGS = 9V
VGS = 10V
VDS, DRAIN TO SOURCE VOLTAGE (V)
12
3
4
05
5
4
3
0
2
VGS = 10V
VGS = 8V
VGS = 6V
VGS = 7V
VGS = 5V
80
µs PULSE TEST
1
VGS = 9V
VGS = 4V
VDS > ID(ON) x rDS(ON) MAX
VGS, GATE TO SOURCE VOLTAGE (V)
5
3
1
0
02
4
6
8
10
2
4
TJ = -55
oC
TJ = 25
oC
TJ = 175
oC
80
µs PULSE TEST
ID, DRAIN CURRENT (A)
24
68
010
4
3
0
2
VGS = 20V
1
VGS = 10V
2
µs PULSE TEST
2.2
1.4
0.6
0
160
TJ, JUNCTION TEMPERATURE (
oC)
ID = 5.6A
1.8
1.0
0.2
-40
40
80
120
VGS = 10V
IRFF310



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com