Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFF310 Datasheet(PDF) 5 Page - Intersil Corporation

Part # IRFF310
Description  1.35A, 400V, 3.600 Ohm, N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFF310 Datasheet(HTML) 5 Page - Intersil Corporation

  IRFF310 Datasheet HTML 1Page - Intersil Corporation IRFF310 Datasheet HTML 2Page - Intersil Corporation IRFF310 Datasheet HTML 3Page - Intersil Corporation IRFF310 Datasheet HTML 4Page - Intersil Corporation IRFF310 Datasheet HTML 5Page - Intersil Corporation IRFF310 Datasheet HTML 6Page - Intersil Corporation IRFF310 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
FIGURE 10. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 11. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
FIGURE 12. TRANSCONDUCTANCE vs DRAIN CURRENT
FIGURE 13. SOURCE TO DRAIN DIODE VOLTAGE
FIGURE 14. GATE TO SOURCE VOLTAGE vs GATE CHARGE
Typical Performance Curves TC = 25oC, Unless Otherwise Specified (Continued)
1.05
0.85
0
160
TJ, JUNCTION TEMPERATURE (
oC)
ID = 250µA
1.15
0.95
0.75
-40
40
80
120
VDS, DRAIN TO SOURCE VOLTAGE (V)
300
200
100
0
CISS
COSS
CRSS
10
20
30
40
50
400
VGS = 0V, f = 1MHz
CISS = CGS + CGD
CRSS = CGD
COSS ≈ CDS + CGS
ID, DRAIN CURRENT (A)
24
6
8
010
2.0
1.6
1.2
0
0.8
0.4
TJ = 125
oC
TJ = 25
oC
TJ = -55
oC
2.4
80
µs PULSE TEST
VSD, SOURCE TO DRAIN VOLTAGE (V)
10
1
0.1
01
2
3
4
5
TJ = 175
oC
TJ = 25
oC
Qg(TOT), TOTAL GATE CHARGE (nC)
24
68
010
20
15
10
0
5
ID = 4A
VDS = 100V
VDS = 40V
VDS = 160V
IRFF310



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com