Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFF310 Datasheet(PDF) 3 Page - Intersil Corporation

Part # IRFF310
Description  1.35A, 400V, 3.600 Ohm, N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFF310 Datasheet(HTML) 3 Page - Intersil Corporation

  IRFF310 Datasheet HTML 1Page - Intersil Corporation IRFF310 Datasheet HTML 2Page - Intersil Corporation IRFF310 Datasheet HTML 3Page - Intersil Corporation IRFF310 Datasheet HTML 4Page - Intersil Corporation IRFF310 Datasheet HTML 5Page - Intersil Corporation IRFF310 Datasheet HTML 6Page - Intersil Corporation IRFF310 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Continuous Source to Drain Current
ISD
Modified MOSFET
Symbol Showing the
Integral Reverse P-N
Junction Rectifier
-
-
1.35
A
Pulse Source to Drain Current (Note 3)
ISDM
-
-
5.5
A
Source to Drain Diode Voltage (Note 2)
VSD
TJ = 25
oC, I
SD = 1.35A, VGS = 0V (Figure 13)
-
-
1.6
V
Reverse Recovery Time
trr
TJ = 150
oC, I
SD = 1.35A, dISD/dt = 100A/µs
-
380
-
ns
Reverse Recovered Charge
QRR
TJ = 150
oC, I
SD = 1.35A, dISD/dt = 100A/µs
-
2.7
-
µC
NOTES:
2. Pulse test: pulse width
≤ 300µs, duty cycle ≤ 2%.
3. Repetitive rating: pulse width limited by Max junction temperature. See Transient Thermal Impedance curve (Figure 3).
4. VDD = 40V, start TJ = 25
oC, L = 44.89µH, RG = 50Ω, peak IAS = 1.35A (See Figures 15, 16).
Typical Performance Curves TC = 25oC, Unless Otherwise Specified
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
D
S
G
0
50
100
150
0
TC, CASE TEMPERATURE (
oC)
0.2
0.4
0.6
0.8
1.0
1.2
TC, CASE TEMPERATURE (
oC)
50
75
100
25
150
1.0
0.8
0.6
0
0.4
0.2
125
1.6
1.4
1.2
1.0
0.1
0.01
10-2
10-5
10-4
10-3
0.1
1
10
SINGLE PULSE
t1, RECTANGULAR PULSE DURATION (LC)
0.01
0.5
0.2
0.1
0.05
0.02
PDM
t1
t2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC x RθJC + TC
IRFF310



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com