Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1653 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP1653
Description  Compact, High Efficiency, High Power, Flash/Torch LED Driver with Dual Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1653 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP1653_15 Datasheet HTML 4Page - Analog Devices ADP1653_15 Datasheet HTML 5Page - Analog Devices ADP1653_15 Datasheet HTML 6Page - Analog Devices ADP1653_15 Datasheet HTML 7Page - Analog Devices ADP1653_15 Datasheet HTML 8Page - Analog Devices ADP1653_15 Datasheet HTML 9Page - Analog Devices ADP1653_15 Datasheet HTML 10Page - Analog Devices ADP1653_15 Datasheet HTML 11Page - Analog Devices ADP1653_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADP1653
Rev. B | Page 8 of 24
Table 6. Mode Selection
Pin Mnemonic
Value
INTF = 0 (I2C Interface)
INTF = 1 (2-Bit Logic Interface)
CTRL0/SDA
SDA
CTRL1, CTRL0 = 0, 0 (ADP1653 disabled)
CTRL1/SCL
SCL
CTRL1, CTRL0 = 0, 1 (ADP1653 indicator LED)
CTRL1, CTRL0 = 1, 0 (ADP1653 torch mode)
CTRL1, CTRL0 = 1, 1 (ADP1653 flash mode)
Low
ADP1653 disabled
ADP1653 disabled
EN
High
ADP1653 enabled
ADP1653 enabled
Low
Flash disabled
Ignored
STR
High
Flash enabled
Ignored
Low
Fault condition
Fault condition
INT
High
Normal operation
Normal operation
Resistor
Ignored1
SETI resistor sets indicator LED current2
SETI
High
I2C sets ILED current
ILED current = 10 mA
Resistor
Ignored1
SETT resistor sets torch current2
SETT
High
I2C sets torch current
Torch current = 125 mA
Resistor
SETF resistor(s) and I2C set flash current and torch current3
SETF resistor(s) set flash current2
SETF
High
I2C sets flash current
Flash current = 500 mA
1 If a resistor is present on SETI or SETT in I2C mode, it is ignored. Both pins should be tied high when operating in I2C mode.
2 If a resistor is present, the current is set by this resistor. If a resistor is not present, the pin must be tied high and a default internal current set.
3 If a resistor is present on SETF in I2C mode, the output current scales with both the I2C setting and the external reference current. The SETF resistor scales both the flash
mode and torch mode currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com