Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1653 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP1653
Description  Compact, High Efficiency, High Power, Flash/Torch LED Driver with Dual Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1653 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP1653_15 Datasheet HTML 10Page - Analog Devices ADP1653_15 Datasheet HTML 11Page - Analog Devices ADP1653_15 Datasheet HTML 12Page - Analog Devices ADP1653_15 Datasheet HTML 13Page - Analog Devices ADP1653_15 Datasheet HTML 14Page - Analog Devices ADP1653_15 Datasheet HTML 15Page - Analog Devices ADP1653_15 Datasheet HTML 16Page - Analog Devices ADP1653_15 Datasheet HTML 17Page - Analog Devices ADP1653_15 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ADP1653
Rev. B | Page 14 of 24
2-BIT LOGIC INTERFACE MODE (INTF = 1)
In 2-bit logic interface mode, the two control pins, CTRL1 and
CTRL0, select whether the part is disabled or operating in indicator
LED mode, torch mode, or flash mode, as outlined in Table 7.
Table 7. 2-Bit Logic Interface Mode Selection
INTF = 1
CTRL1
CTRL0
LED Current
Setting Pin
Default Current
(SETx = H)
Disabled
0
0
—
—
ILED
0
1
SETI
ILED = 10 mA
Torch
1
0
SETT
HPLED = 125 mA
Flash
1
1
SETF
HPLED = 500 mA
The LED current levels for indicator LED mode, torch mode,
and flash mode operation are set with separate external resistors
tied between ground and the SETI, SETT, and SETF pins,
respectively. The resulting reference current into each SETx pin
is equal to 1.22 V/RSETx. The reference current multiplied by a
fixed ratio sets the relevant LED current.
Table 8. Reference Current to LED Current Scaling
INTF = 1
CTRL1
CTRL0
LED Current
Disabled
0
0
—
ILED
0
1
IREF(SETI) × 400
Torch
1
0
IREF(SETT) × 5200
Flash
1
1
IREF(SETF) × 20,800
Alternatively, a default internal current setting is used by tying
the SETx pin high. The default current for each mode of operation
approximately equals the current obtained with a 50 kΩ resistor
tied from the SETx pin to ground.
Consequently, the LED current resulting from an external
resistor RSETx is given by the following equation:
SETx
DEFAULT
LED
R
I
I
kΩ
50
×
=
(1)
where IDEFAULT is the LED current resulting from tying the SETx
pin high.
The values of IDEFAULT are given in Table 7 for indicator LED mode
(SETI), torch mode (SETT), and flash mode (SETF) operation.
For accurate LED current settings, the minimum SETx resistor
values should be 25 kΩ (SETI, SETT) or 50 kΩ (SETF).
The flash current can be quickly reduced with an external
logic signal (typically 1.8 V logic) by adding a second external
resistor from the SETF pin to the logic signal. Bringing this
digital input from low to high toggles the flash from normal
to reduced current mode by reducing the reference current
supplied to the ADP1653 via the SETF pin (see the Applications
Information section).
I2C INTERFACE MODE (INTF = 0)
The ADP1653 includes an I2C-compatible serial interface for
control of LED current, as well as for readback of system status
registers. The I2C chip address is 0x60 (0110 0000 (binary) in
write mode). The default value of all four registers is 0x00.
Registers values are reset to the default values when enable is
brought low, or the VDD supply falls below the undervoltage
(UVLO) level.
Figure 26 illustrates the I2C write sequence. The subaddress
content selects which of the four ADP1653 registers is written
to. Figure 27 shows the I2C read sequence. The ADP1653 sends
the data from the register denoted by the subaddress. In this
case, the fault register is read (REG3).
The register definitions are shown in Figure 28. The lowest bit
number (0) represents the least significant bit, and the highest
bit number (7) represents the most significant bit.
SUBADDRESS
CHIP ADDRESS
ST 011
0
0
00
0
0
0 SP
0= WRITE
ADP1653 RECEIVES DATA
0
Figure 26. I2C Write Sequence
SUBADDRESS
CHIP ADDRESS
CHIP ADDRESS
ST 0
110
0
0
0
0
00000
011
0 ST 0
1
1
0
0
0
0
0
1 SP
1= READ
ADP1653 SENDS DATA
0= WRITE
0
1
Figure 27. I2C Read Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com