Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1653 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP1653
Description  Compact, High Efficiency, High Power, Flash/Torch LED Driver with Dual Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1653 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP1653_15 Datasheet HTML 11Page - Analog Devices ADP1653_15 Datasheet HTML 12Page - Analog Devices ADP1653_15 Datasheet HTML 13Page - Analog Devices ADP1653_15 Datasheet HTML 14Page - Analog Devices ADP1653_15 Datasheet HTML 15Page - Analog Devices ADP1653_15 Datasheet HTML 16Page - Analog Devices ADP1653_15 Datasheet HTML 17Page - Analog Devices ADP1653_15 Datasheet HTML 18Page - Analog Devices ADP1653_15 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
ADP1653
Rev. B | Page 15 of 24
UNUSED
UNUSED
UNUSED
OUT_SEL
OUTPUT SELECT
CONFIG
TIMER
CONFIGURATION
SW_STROBE
SOFTWARE STROBE
FAULT
FAULT
CONDITIONS
REG0
REG1
REG2
REG3
HPLED<4:0>
HIGH POWER
LED CURRENT
ILED<2:0>
INDICATOR LED
CURRENT
TMR_SET<3:0>
TIMER PERIOD
SETTING
TMR_CFG
TIMER
CONFIGURATION
SW_STROBE
SOFTWARE STROBE
ENABLE
FLT_OT
OVERTEMPERATURE
FAULT
FLT_OV
OVERVOLTAGE
FAULT
FLT_TMR
TIMEOUT FAULT
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
FLT_SCP
SHORT-CIRCUIT
FAULT
Figure 28. I2C Register Assignments
The LED regulation current levels are controlled by writing to
the ILED and HPLED registers. If the ILED register is set to 0,
the ILED regulator is turned off and no current flows through
the indicator LED. If the ILED register is programmed from
1 (001 binary) to 7 (111 binary), the indicator LED is continuously
on, with a current scaled to the register setting given by
IILED = 2.5 mA × Code
(2)
where Code is the ILED register setting. Therefore, the ILED
current can be programmed between 2.5 mA and 17.5 mA,
using the full range of codes.
If the HPLED register is set to 0, the HPLED regulator is turned
off, and no current flows through the high power LED(s). If the
HPLED register is programmed from 1 (00001 binary) to 11
(01011 binary), the regulator is in torch mode, and the HPLED
remains continuously on, independent of the state of STR. If the
HPLED register is programmed between 12 (01100 binary) and
31 (11111 binary), the HPLED regulator remains off until enabled
through the strobe input (STR) or a software strobe command.
To program a desired HPLED current with SETF tied high, use
the following equation:
IHPLED = 35 mA + Code × 15 mA
(3)
where Code is the HPLED register setting.
Therefore, the HPLED torch current can be programmed between
50 mA and 200 mA for Code 1 to Code 11, and the HPLED flash
current can be programmed between 215 mA and 500 mA for
Code 12 to Code 31.
Additionally, the HPLED current can be adjusted with an external
resistor. This feature is primarily intended for limiting the LED
flash current in handset applications when the phone’s power
amplifier transmits, but it can also be used to modify the HPLED
current settings. If an external SETF resistor is present, the HPLED
current is given by
SETF
HPLED
R
Code
I
kΩ
50
mA)
15
mA
35
(
×
×
+
=
(4)
TURNING ON THE FLASH AND WATCHDOG TIMER
A watchdog timer is always active in flash mode to prevent
overstress of the HPLED.
In 2-bit logic interface mode, users select flash operation by
setting the CTRL1 pin and the CTRL0 pin high. The watchdog
timer in this mode is fixed at 0.82 sec. Bringing the CTRLx pins
to another state terminates the flash. If the state of the CTRLx
pins remains high for longer than 0.82 sec, flash is automatically
disabled by the watchdog timer, and the interrupt pin (INT)
goes low to indicate a fault.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com