Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL03H Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASL03H
Description  5 ~ 3500 MHz MMIC Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL03H Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASL03H Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL03H Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL03H Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL03H Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL03H Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL03H Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL03H Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL03H Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL03H Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
July 2014
ASL03H
5 ~ 3500 MHz MMIC Amplifier
(Supply Voltage = +5 V, TA = +25 C, Z0 = 50 )
Parameters
Units
Typical
Frequency
MHz
900
2000
Gain
dB
19.5
14.2
S11
dB
-18
-20
S22
dB
-14
-12
Output IP31)
dBm
31.0
32.5
Noise Figure
dB
0.9
1.0
Output P1dB
dBm
17.5
18.0
Current
mA
36
36
Device Voltage
V
+4.3
+4.3
1) OIP3 is measured with two tones at an output power of +0 dBm/tone separated by 1 MHz.
Parameters
Units
Min
Typ
Max
Testing Frequency
MHz
2000
Gain
dB
14.2
S11
dB
-14
S22
dB
-12
Output IP3
dBm
32.5
Noise Figure
dB
1.0
Output P1dB
dBm
18
Current
mA
36
Device Voltage
V
+4.3
1) Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
Parameters
Rating
Operating Case Temperature
-40 to
85 C
Storage Temperature
-40 to
150 C
Device Voltage
+4.7 V
Operating Junction Temperature
+150
C
Input RF Power (CW, 50
 matched)1)
+20 dBm
Features
Description
Typical Performance
Absolute Maximum Ratings
14.2 dB Gain at 2 GHz
18 dBm P1dB at 2 GHz
32.5 dBm Output IP3 at 2 GHz
1.0 dB NF at 2 GHz
MTTF > 100 Years
Single Supply
The ASL03H, a wideband linear low noise amplifier
MMIC, has a low noise and high linearity at low bias
current, being suitable for use in both receiver and
transmitter of telecommunication systems up to 3.5
GHz. S11 down to
–20 dB is easily achieved for low
noise application to provide a good productivity. The
amplifier is available in a SOT363 package and
passes through the stringent DC, RF, and reliability
tests.
Application Circuit
10 ~ 88 MHz
30 ~ 500 MHz(3.3 V)
800 ~ 3500 MHz
400 ~ 500 MHz
800 ~ 1000 MHz
1600 ~ 2000 MHz
1800 ~ 2200 MHz
Product Specifications
Package Style: SOT363
Pin Configuration
Pin No.
Function
1
RF IN
4
RF OUT & Bias
2,3,5,6
GND
Application Circuit


Similar Part No. - ASL03H

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL033 ASB-ASL033 Datasheet
901Kb / 17P
5-4000 MHz MMIC Amplifier
January 2012
ASL033 ASB-ASL033 Datasheet
1Mb / 21P
MMIC Amplifier
April 2017
ASL033 ASB-ASL033_13 Datasheet
583Kb / 20P
5 ~ 4000 MHz MMIC Amplifier
August 2013
ASL033 ASB-ASL033_17 Datasheet
1Mb / 21P
MMIC Amplifier
April 2017
ASL03S ASB-ASL03S Datasheet
314Kb / 4P
5-4000 MHz High Linearity LNA MMIC
May 2012
More results

Similar Description - ASL03H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGA-4263 ETC-SGA-4263 Datasheet
259Kb / 4P
DC-3500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
Stanford Microdevices
SGA-4463 STANFORD-SGA-4463 Datasheet
406Kb / 5P
DC-3500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
SGA-4263 SIRENZA-SGA-4263 Datasheet
253Kb / 5P
DC-3500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-4463 SIRENZA-SGA-4463 Datasheet
252Kb / 5P
DC-3500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-5486 SIRENZA-SGA-5486 Datasheet
89Kb / 4P
DC-3500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-6489 SIRENZA-SGA-6489 Datasheet
95Kb / 4P
DC-3500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-6589 SIRENZA-SGA-6589 Datasheet
90Kb / 4P
DC-3500 MHz, Cascadable SiGe HBT MMIC Amplifier
logo
Advanced Semiconductor ...
AST11L ASB-AST11L Datasheet
488Kb / 7P
5-3500 MHz MMIC Amplifier
February 2010
ASX420 ASB-ASX420 Datasheet
769Kb / 12P
250-3500 MHz MMIC Amplifier
September 2011
ASX420 ASB-ASX420_17 Datasheet
1Mb / 14P
250 ~ 3500 MHz MMIC Amplifier
February 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com