Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL03H Datasheet(PDF) 11 Page - Advanced Semiconductor Business Inc.

Part # ASL03H
Description  5 ~ 3500 MHz MMIC Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL03H Datasheet(HTML) 11 Page - Advanced Semiconductor Business Inc.

Back Button ASL03H Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL03H Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL03H Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL03H Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL03H Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL03H Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL03H Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASL03H Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASL03H Datasheet HTML 11Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11/11
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
July 2014
ASL03H
5 ~ 3500 MHz MMIC Amplifier
-60
-40
-20
0
20
40
60
80
100
10
20
30
40
50
Temperature (
o
C)
-60
-40
-20
0
20
40
60
80
100
10
12
14
16
18
Temperature (
o
C)
Frequency = 860 MHz
-60
-40
-20
0
20
40
60
80
100
22
24
26
28
30
32
Temperature (
o
C)
Frequency = 860 MHz
-60
-40
-20
0
20
40
60
80
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Frequency = 860 MHz
Temperature (
o
C)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.75
1.00
1.25
1.50
Frequency (GHz)
-60
-40
-20
0
20
40
60
80
100
14
15
16
17
18
19
20
Temperature (
o
C)
Frequency = 860 MHz
Current vs. Temperature
Gain vs. Temperature
P1dB vs. Temperature
Output IP3 vs. Temperature
NF vs. Temperature
NF vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com