Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL03H Datasheet(PDF) 10 Page - Advanced Semiconductor Business Inc.

Part # ASL03H
Description  5 ~ 3500 MHz MMIC Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL03H Datasheet(HTML) 10 Page - Advanced Semiconductor Business Inc.

Back Button ASL03H Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL03H Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL03H Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL03H Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL03H Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL03H Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL03H Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASL03H Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASL03H Datasheet HTML 11Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10/11
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
July 2014
ASL03H
5 ~ 3500 MHz MMIC Amplifier
RF OUT
ASL03H
RF IN
Vs=5V
R1= 1.1K
C3=1
F
L1=82 n
C1=100 pF
C2=100 pF
C4=1 nF
C5=100 pF
R2=

0
200
400
600
800
1000
0
1
2
3
4
5
Frequency (MHz)
0
200
400
600
800
1000
1200
0
5
10
15
20
25
Frequency (MHz)
-40
oc
25
oc
85
oc
0
200
400
600
800
1000
1200
-25
-20
-15
-10
-5
0
Frequency (MHz)
-40
oc
25
oc
85
oc
0
200
400
600
800
1000
1200
-35
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
-40
oc
25
oc
85
oc
1) OIP3 is measured with two tones at an output power of +0 dBm/tone sepa-
rated by 1 MHz.
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
S-parameters & K-factor
Frequency (MHz)
470
860
Magnitude S21 (dB)
19.4
17.7
Magnitude S11 (dB)
-14
-15
Magnitude S22 (dB)
-23
-28
Output P1dB (dBm)
15
15
Output IP31) (dBm)
28
28
Noise Figure (dB)
1.05
1.05
Device Voltage (V)
+4.3
+4.3
Current (mA)
36
36
APPLICATION CIRCUIT
CMMB
470 ~ 860 MHz
+5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com