Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL13W Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ASL13W
Description  5-3000 MHz MMIC Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL13W Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ASL13W_13 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL13W_13 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL13W_13 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL13W_13 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL13W_13 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL13W_13 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL13W_13 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL13W_13 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL13W_13 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3/15
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7223
November 2012
ASL13W
5-3000 MHz MMIC Amplifier
RD
(ohm)
RB
(ohm)
VD
(V)
Ic
(mA)
CDMA
WCDMA
RD
(ohm)
RB
(ohm)
VD
(V)
Ic
(mA)
CDMA
WCDMA
NF
(dB)
OIP3
(dBm)
NF
(dB)
OIP3
(dBm)
NF
(dB)
OIP3
(dBm)
NF
(dB)
OIP3
(dBm)
8.2
5.6k
4.47
60
0.89
36
0.9
38.2
20
6.8k
3.87
51
0.83
35.3
0.89
37
5.1k
4.58
56
0.89
34.5
0.89
36.2
6.2k
4.09
47
0.83
34
0.89
36
4.7k
4.87
39
0.91
32
0.93
33.4
5.6k
4.28
39
0.86
32.2
0.89
34.7
4.3k
4.9
28
0.88
28.7
0.9
30.1
5.1k
4.35
32
0.86
29.8
0.9
31.8
10
5.6k
4.38
58
0.87
35.6
0.89
37.5
4.7k
4.5
28
0.86
27.2
0.91
29.5
5.1k
4.49
45
0.82
33.5
0.92
35.4
30
8.2k
3.31
57
0.8
34.9
0.88
37
4.7k
4.6
38
0.84
31.4
0.9
32.2
7.5k
3.47
50
0.83
33.9
0.87
36.3
4.3k
4.71
27
0.85
27.8
0.94
29.3
6.8k
3.68
44
0.82
32.8
0.87
35.3
12
6.2k
4.25
62
0.82
35.9
0.91
37.6
6.2k
3.84
38
0.83
30.8
0.88
33.4
5.6k
4.33
51
0.82
35.1
0.89
36.8
5.6k
4.01
33
.81
28.7
0.89
31.6
5.1k
4.49
42
0.81
32.4
0.91
34
5.1k
4.19
29
0.85
26.7
0.91
29.5
4.7k
4.57
33
0.84
30
0.91
31.5
4.3k
4.7
28
0.86
27
0.91
29.2
15
6.2k
4.15
57
0.82
35.3
0.93
37
5.6k
4.28
49
0.85
34.1
0.89
35.9
5.1k
4.4
38
0.84
31.7
0.88
33.3
4.7k
4.54
29
0.87
28.5
0.9
30.6
4.3k
4.63
26
0.85
26.1
0.92
28.9
* Test Application Circuit : ASL13W CDMA / WCDMA application circuit
* OIP3 Test Condition : Freq. – 894MHz / – 2140MHz, +10dBm output power per tone
* VD : Applied voltage to the device
OIP3 & Noise Figure Vs. Bias Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com