Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL13W Datasheet(PDF) 4 Page - Advanced Semiconductor Business Inc.

Part # ASL13W
Description  5-3000 MHz MMIC Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL13W Datasheet(HTML) 4 Page - Advanced Semiconductor Business Inc.

  ASL13W_13 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL13W_13 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL13W_13 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL13W_13 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL13W_13 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL13W_13 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL13W_13 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL13W_13 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL13W_13 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4/15
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7223
November 2012
ASL13W
5-3000 MHz MMIC Amplifier
1) OIP3 is measured with two tones at an output power of +10 dBm/tone separated
by 1 MHz.
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Frequency (MHz)
50
150
300
450
Magnitude S21 (dB)
24.7
23.5
22.3
21
Magnitude S11 (dB)
-12
-15
-14
-12
Magnitude S22 (dB)
-12
-11
-12
-13
Output P1dB (dBm)
21.5
21.5
21.5
21.5
Output IP31) (dBm)
31
33
35
35
Noise Figure (dB)
0.8
0.6
0.8
0.8
Device Voltage (V)
5
5
5
5
Current (mA)
60
60
60
60
Note: A shunt RB is a bias resistor requisite to
operate ASL13W properly, while RD as a
voltage drop resistor is added to apply 4.4 V
to the device. A user can easily REDUCE an
operating current by choosing different RB
values with minimized loss only in OIP3 and
P1dB.
IF
50 ~ 450
+5 V
0
100
200
300
400
500
0
5
10
15
20
25
30
Frequency (MHz)
0
100
200
300
400
500
-25
-20
-15
-10
-5
0
Frequency (MHz)
0
100
200
300
400
500
-25
-20
-15
-10
-5
0
Frequency (MHz)
RF OUT
ASL13W
RF IN
C4=100 pF
Vs=5 V
B
D
R =8.2
R =5.6 k
R1=1.6 k
C3=1 nF
C1=1
F
C2=1
F
L1=1.2

C5=10
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com