Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL13W Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASL13W
Description  5-3000 MHz MMIC Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL13W Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASL13W_13 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL13W_13 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL13W_13 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL13W_13 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL13W_13 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL13W_13 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL13W_13 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL13W_13 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL13W_13 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1/15
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7223
November 2012
ASL13W
5-3000 MHz MMIC Amplifier
1) OIP3 is measured with two tones at an output power of +10 dBm/tone separated by 1 MHz.
Parameters
Units
Min
Typ
Max
Testing Frequency
MHz
2000
Gain
dB
12
13
S11
dB
-20
S22
dB
-15
Output IP3
dBm
36
38
Noise Figure
dB
0.9
1.1
Output P1dB
dBm
20
22
Current
mA
45
60
80
Device Voltage
V
5
* Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
Parameters
Units
Typical
Frequency
MHz
150
900
2000
2450
2600
Gain
dB
23.5
19
13
11.5
11
S11
dB
-15
-20
-20
-20
-18
S22
dB
-11
-15
-15
-16
-15
Output IP31)
dBm
33
35.5
38
37.5
37.5
Noise Figure
dB
0.6
0.9
0.9
1.1
1.15
Output P1dB
dBm
21.5
22
22
22
22
Current
mA
60
60
60
60
60
Device Voltage
V
5
5
5
5
5
Parameters
Rating
Operating Case Temperature
-40 to
85C
Storage Temperature
-40 to
150C
Device Voltage
+6 V
Operating Junction Temperature
+150
C
Input RF Power (CW, 50ohm matched)*
22 dBm
Features
Description
Package Style: SOT-363
Typical Performance
Absolute Maximum Ratings
·13 dB Gain at 2000 MHz
·22 dBm P1dB at 2000 MHz
·38 dBm OIP3 at 2000 MHz
·0.9 dB NF at 2000 MHz
·MTTF > 100 Years
·Single Supply
The ASL13W, a wideband linear low noise amplifier
MMIC, has a low noise and high linearity at low bias
current, being suitable for use in both receiver and
transmitter of telecommunication systems up to 3
GHz. S11 down to
–20 dB is easily achieved for low
noise application to provide a good productivity. The
amplifier is available in an SOT-363 package and
passes through the stringent DC, RF, and reliability
tests.
Application Circuit
· IF ( 50 ~ 450 MHz )
· TETRA
· LTE
· CDMA
· GSM
· WCDMA
· 350 ~ 500 MHz
· 960 ~ 1200 MHz
· 2300 ~ 2600 MHz
Product Specifications
Pin Configuration
Pin No.
Function
1
RF IN
4
RF OUT / Bias
2,3,5,6
GND


Similar Part No. - ASL13W_13

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL13W ASB-ASL13W Datasheet
927Kb / 14P
5-3000 MHz MMIC Amplifier
April 2012
More results

Similar Description - ASL13W_13

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL13C ASB-ASL13C Datasheet
277Kb / 4P
5-3000 MHz MMIC Amplifier
October 2012
ASL13W ASB-ASL13W Datasheet
927Kb / 14P
5-3000 MHz MMIC Amplifier
April 2012
ASW101 ASB-ASW101 Datasheet
412Kb / 6P
5-3000 MHz MMIC Amplifier
February 2010
ASX401 ASB-ASX401 Datasheet
3Mb / 33P
250-3000 MHz MMIC Amplifier
September 2012
ASF255 ASB-ASF255 Datasheet
433Kb / 6P
5-3000 MHz MMIC Amplifier
September 2012
ASX620 ASB-ASX620 Datasheet
654Kb / 8P
250-3000 MHz MMIC Amplifier
September 2012
ASL13C ASB-ASL13C_15 Datasheet
1Mb / 13P
5 ~ 3000 MHz MMIC Amplifier
December 2014
ASW320 ASB-ASW320 Datasheet
397Kb / 5P
5 ~ 3000 MHz MMIC Amplifier
October 2012
ASW320 ASB-ASW320_17 Datasheet
509Kb / 6P
5 ~ 3000 MHz MMIC Amplifier
April 2017
ASF255 ASB-ASF255_17 Datasheet
527Kb / 8P
5 ~ 3000 MHz MMIC Amplifier
February 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com