Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL20G Datasheet(PDF) 2 Page - Advanced Semiconductor Business Inc.

Part # ASL20G
Description  Low Noise GPS, GLONASS, Galileo and Compass Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL20G Datasheet(HTML) 2 Page - Advanced Semiconductor Business Inc.

  ASL20G_13 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL20G_13 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL20G_13 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL20G_13 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL20G_13 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL20G_13 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL20G_13 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL20G_13 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL20G_13 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ASL20G
Low Noise GPS, GLONASS, Galileo and Compass Amplifier
w
Pin NO.
Function
Pin NO.
Function.
1
RFOUT
4
RFIN
2
VCTL
5
GND
3
GND
6
NC(not connected)
Outline Drawing
ESD Classification
HBM
Class 0
Voltage Level: 200 V
MM
Class A
Voltage Level: 50 V
CAUTION: ESD-sensitive device!
Moisture Sensitivity Level (MSL)
Level 3 at 260
°C reflow
ESD Classification & Moisture Sensitivity Level
2/10
ASB Inc.
• sales@asb.co.kr • Tel: +82-42-528-7225
September 2013



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com