Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL20G Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASL20G
Description  Low Noise GPS, GLONASS, Galileo and Compass Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL20G Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASL20G_13 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL20G_13 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL20G_13 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL20G_13 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL20G_13 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL20G_13 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL20G_13 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL20G_13 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL20G_13 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ASL20G
Low Noise GPS, GLONASS, Galileo and Compass Amplifier
.
1) IIP3 is measured with two tones at an input power of -40 dBm/tone separated by 1MHz.
1) Power On
VCTL Voltage = 0.5 V < VCTL < 5
1) Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
Parameters
Units
Typical
Testing Frequency
MHz
1575
1575
1575
1575
1575
2338
Gain
dB
16.5
16.0
21.0
17.0
22.5
21.0
S11
dB
-6
-15
-10
-6
-15
-10
S22
dB
-14
-15
-14
-18
-15
-15
Noise Figure
dB
1.00
0.90
0.65
1.10
0.55
0.60
Input IP31)
dBm
-21
-22
-2
-16
-12
-3
Output P1dB
dBm
-10
-6
3
-9
0
3
Supply Current
mA
2.0
6.0
6.0
2.5
12.0
23.0
Supply Voltage
V
1.8
1.8
1.8
2.7
3.0
5.0
Control Current
µA
300
300
300
300
300
300
Control Voltage VCTL
V
+1.8
+1.8
+1.8
+2.7
+3.0
+5.0
Parameters
Units
Min
Typ
Max
Frequency
MHz
1575
Gain
dB
21
S11
dB
-10
S22
dB
-14
Noise Figure
dB
0.65
Supply Current
mA
4
6
8
Supply Voltage
V
1.8
Control Current
µA
300
Control Voltage VCTL
1)
V
+1.8
Parameters
Rating
Operating Case Temperature
-40 to
+85 °C
Storage Temperature
-40 to
+150 °C
Supply Voltage
+6 V
Operating Junction Temperature
+150
°C
Input RF Power (CW, 50
Ω matched)1)
+5 dBm
GPS, GLONASS, Galileo and
Compass LNA
21 dB Gain at 1575 MHz
0.65 dB NF at 1575 MHz
Power ON, OFF Function
Supply Voltage = 1.8 ~ 5.0 V
Features
Description
ASL20G is an LNA for GPS, GLONASS, Galileo,
Compass and SiriusXM in mobile equipment which
requires lower current and lower noise. Power
saving function is built in. Low noise performance is
kept over the wide range of power enable voltage
and DC power supply voltage.
Product Specifications
Typical Performance
Absolute Maximum Ratings
Pin No.
Function
1
RFOUT
2
VCTL
3
GND
4
RFIN
5
GND
6
NC
(Not connected)
Pin Configuration
Applications
GPS, GLONASS, Galileo and Compass
1559 ~ 1610MHz (1.8 V, 2 mA)
1559 ~ 1610MHz (1.8 V, 6 mA)
1559 ~ 1610MHz (2.7 V, 2.5 mA)
1559 ~ 1610MHz (3 V, 12 mA)
SiriusXM (5 V, 23 mA)
Package Style: UQFN6
(Supply Voltage = Device Voltage , T
A = +25 °C, Z0= 50 Ω)
1/10
ASB Inc.
• sales@asb.co.kr • Tel: +82-42-528-7225
September 2013


Similar Part No. - ASL20G_13

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL20G ASB-ASL20G_17 Datasheet
1Mb / 16P
Low Noise GPS, GLONASS, Galileo and Compass Amplifier
March 2017
More results

Similar Description - ASL20G_13

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65623-682LF SKYWORKS-SKY65623-682LF_17 Datasheet
644Kb / 9P
GPS/GLONASS/Galileo/Compass Low-Noise Amplifier
logo
Advanced Semiconductor ...
ASL20G ASB-ASL20G_17 Datasheet
1Mb / 16P
Low Noise GPS, GLONASS, Galileo and Compass Amplifier
March 2017
ASL21G ASB-ASL21G Datasheet
3Mb / 35P
Low Noise GPS, GLONASS, Galileo,Compass Amplifier
January 2017
ASL21X ASB-ASL21X_17 Datasheet
2Mb / 23P
Low Noise GPS, GLONASS, Galileo and Compass Amplifier
January 2017
logo
NXP Semiconductors
BGU8011 NXP-BGU8011 Datasheet
331Kb / 19P
SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS, Galileo and Compass
Rev. 1-14 May 2013
BGU8103 NXP-BGU8103 Datasheet
113Kb / 12P
SiGe:C low-noise amplifier MMIC for GPS, GLONASS, Galileo and COMPASS
Rev. 3-18 January 2017
BGU6005 NXP-BGU6005 Datasheet
118Kb / 10P
Low Noise Amplifier MMIC for GPS, GLONASS, Galileo and Compass
Rev. 2-31 January 2017
BGU8004 NXP-BGU8004 Datasheet
282Kb / 18P
SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS, Galileo and Compass
Rev. 1-31 January 2014
GPS1502L NXP-GPS1502L Datasheet
195Kb / 15P
SiGe:C low-noise amplifier MMIC for GPS, GLONASS, Galileo and COMPASS
Rev. 5 ??22 March 2019
BGU6009 NXP-BGU6009 Datasheet
154Kb / 10P
Low-noise amplifier MMIC for GPS, GLONASS, Galileo and COMPASS
Rev. 4 ??18 January 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com