Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL20G Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ASL20G
Description  Low Noise GPS, GLONASS, Galileo and Compass Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL20G Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ASL20G_13 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL20G_13 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL20G_13 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL20G_13 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL20G_13 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL20G_13 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL20G_13 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL20G_13 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL20G_13 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ASL20G
Low Noise GPS, GLONASS, Galileo and Compass Amplifier
1000
1250
1500
1750
2000
0
5
10
15
20
25
Frequency (MHz)
1000
1250
1500
1750
2000
-20
-15
-10
-5
0
Frequency (MHz)
1000
1250
1500
1750
2000
-25
-20
-15
-10
-5
0
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
0
1
2
3
4
5
6
7
8
9
10
Frequency [MHz]
RF IN
RF OUT
L1=6.8 nH
ASL20G
VCTL
Hi: ON
Low: OFF (Power Save)
L2=9.1 nH
C1=0.5 pF
C2=0.1
µF
Vsupply
1
2
3
4
5
6
NC
*P1
R1=390
Ω
Frequency (MHz)
1559 ~ 1610
Magnitude S21 (dB)
16.5
Magnitude S11 (dB)
-6
Magnitude S22 (dB)
-14
Noise Figure (dB)
1.0
Input IP3 (dBm) 1)
-21
Output P1dB( dBm)
-10
Supply Current (mA)
2
Supply Voltage (V)
+1.8
Control Current (
µA)
300
Control Voltage VCTL (V)
+1.8
1) IIP3 is measured with two tones at an input power of -40 dBm
/tone separated by 1MHz.
APPLICATION CIRCUIT
GPS, GLONASS, Galileo, Compass
1559 ~ 1610 MHz
+1.8 V, 2 mA
Schematic
S-parameters & K-factor
Note: 1) the length of the strip line P1 is given as below at
the PCB with Er = 4.5 and T = 0.8 mm.
P1 Length: 1 mm, Width: 0.3 mm
2) Gain and S11 are in trade-off and varied with the length of P1
Board Layout (FR4, 20x20 mm2, 0.8T)
3/10
ASB Inc.
• sales@asb.co.kr • Tel: +82-42-528-7225
September 2013



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com