Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL22N Datasheet(PDF) 2 Page - Advanced Semiconductor Business Inc.

Part # ASL22N
Description  High Gain, Low Noise Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL22N Datasheet(HTML) 2 Page - Advanced Semiconductor Business Inc.

  ASL22N Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL22N Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL22N Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL22N Datasheet HTML 4Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/4
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
February 2013
ASL22N
High Gain, Low Noise Amplifier
w
Pin NO.
Function
Pin NO.
Function.
1
OUT
4
IN
2
VDD
5
GND
3
GND
6
VCTL
Outline Drawing
ESD Classification
HBM
Class 0
Voltage Level: 200 V
MM
Class A
Voltage Level: 40 V
CAUTION: ESD-sensitive device!
Moisture Sensitivity Level (MSL)
Level 3 at 260
C reflow
ESD Classification & Moisture Sensitivity Level



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com