Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL22N Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASL22N
Description  High Gain, Low Noise Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL22N Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASL22N Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL22N Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL22N Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL22N Datasheet HTML 4Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/4
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
February 2013
ASL22N
High Gain, Low Noise Amplifier
1) OIP3 is measured with two tones at an output power of -10 dBm/tone separated by 1 MHz.
*100% in-house DC & RF testing is done on packaged products before taping
1) 7dB gain variation @ 1.0 < VCTL < 3.0
1) Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
(Supply Voltage = +3 V, TA = +25 C, Z0 = 50 )
Parameters
Units
Typical
Testing Frequency
MHz
1575
Gain
dB
29.5
S11
dB
-16
S22
dB
-15
Output IP31)
dBm
19
Noise Figure
dB
1.0
Output P1dB
dBm
9.5
Supply Current
mA
9
Supply Voltage
V
+3
Control Current
A
400
Control Voltage VCTL
V
+3
Parameters
Units
Min
Typ
Max
Frequency
MHz
1575
Gain
dB
29.5
S11
dB
-16
S22
dB
-15
Output IP3
dBm
19
Noise Figure
dB
1.0
Output P1dB
dBm
9.5
Supply Current
mA
9
Supply Voltage
V
3
Control Current
A
400
Control Voltage VCTL
1)
V
+3
Parameters
Rating
Operating Case Temperature
-40 to
85 C
Storage Temperature
-40 to
150 C
Supply Voltage
+5 V
Operating Junction Temperature
+150
C
Input RF Power (CW, 50
Ω matched @1575MHz)1)
+15 dBm
 29.5 dB Gain at 1575 MHz
 GPS, GLONASS, Galileo
and Compass
 1.0 dB NF at 1575 MHz
 Power ON/OFF Function
 IDD= 9.0 mA @ VCTL= 3.0 V
. Supply 3.0 V
Features
Description
ASL22N a LNA for GPS
, GLONASS, Galileo and
Compass in mobile equipment which requires lower
current and component count for small PCB area.
Power saving function is built in. Low noise
performance is kept over the wide range of power
enable voltage and DC power supply voltage. It has
also a low noise and high linearity over a wide range
of frequency up to 6 GHz.
Applications
·GPS Receiver
·CDMA, GSM, W-CDMA, PCS
·WiBro, WiMax, WLAN
·Gain Block
·IF Amplifier
Product Specifications*
More Information
Tel: (82) 42-528-7223
Fax: (82) 42-528-7222
ASB Inc., 4th FI. Venture Town Bldg.,
367-17 Goijeong-Dong, Seo-Gu,
Daejon 302-716, Korea
Typical Performance
Applications
Absolute Maximum Ratings
Pin No.
Function
1
OUT
2
VDD
3
GND
4
IN
5
GND
6
VCTL
Pin Configuration
Package Style: UQFN6
Applications
 GPS, GLONASS, Galileo, Compass
·1559 MHz ~ 1610 MHz (3 V)
·1164 MHz ~ 1300 MHz (3 V)


Similar Part No. - ASL22N

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL226 ASB-ASL226 Datasheet
1Mb / 21P
700-6000MHz MMIC LNA
September 2012
ASL226 ASB-ASL226 Datasheet
1Mb / 22P
MMIC LNA
June 2017
ASL226 ASB-ASL226_14 Datasheet
1Mb / 20P
700-6000MHz MMIC LNA
April 2014
ASL226 ASB-ASL226_17 Datasheet
1Mb / 22P
MMIC LNA
June 2017
More results

Similar Description - ASL22N

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL52D6 ASB-ASL52D6 Datasheet
295Kb / 6P
High Gain, Low Noise Amplifier
May 2012
ASL563 ASB-ASL563 Datasheet
1Mb / 22P
High Gain, Low Noise Amplifier
August 2011
AST54S ASB-AST54S Datasheet
1Mb / 21P
High Gain, Low Noise Amplifier
June 2012
ASL51T8 ASB-ASL51T8 Datasheet
539Kb / 11P
High Gain, Low Noise Amplifier
June 2014
ASL5543 ASB-ASL5543 Datasheet
436Kb / 10P
High Gain, Low Noise Amplifier
June 2014
ASL19D ASB-ASL19D_17 Datasheet
510Kb / 7P
High Gain, Low Noise Amplifier
April 2017
ASL51S9 ASB-ASL51S9_17 Datasheet
428Kb / 8P
High Gain, Low Noise Amplifier
January 2017
ASL51T8 ASB-ASL51T8_17 Datasheet
583Kb / 11P
High Gain, Low Noise Amplifier
January 2017
ASL52D6 ASB-ASL52D6_17 Datasheet
641Kb / 8P
High Gain, Low Noise Amplifier
April 2017
ASL563 ASB-ASL563_17 Datasheet
762Kb / 11P
High Gain, Low Noise Amplifier
February 2017
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com