Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL22N Datasheet(PDF) 4 Page - Advanced Semiconductor Business Inc.

Part # ASL22N
Description  High Gain, Low Noise Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL22N Datasheet(HTML) 4 Page - Advanced Semiconductor Business Inc.

  ASL22N Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL22N Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL22N Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL22N Datasheet HTML 4Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4/4
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
February 2013
ASL22N
High Gain, Low Noise Amplifier
1) OIP3 is measured with two tones at an output power of -10 dBm/tone
separated by 1MHz.
.
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)
1000
1050
1100
1150
1200
1250
1300
1350
1400
1450
1500
-50
-40
-30
-20
-10
0
10
20
30
40
S12
S22
S11
S21
Frequency [MHz]
Schematic
S-parameters
Board Layout (FR4, 14x11.3 mm2, 0.8T)
Frequency (MHz)
1227
Magnitude S21 (dB)
30
Magnitude S11 (dB)
-16
Magnitude S22 (dB)
-11
Output P1dB (dBm)
10
Output IP31) (dBm)
18
Noise Figure (dB)
1.05
Supply Current (mA)
9
Supply Voltage (V)
+3
Control Current (
A)
400
Control Voltage VCTL (V)
+3
APPLICATION CIRCUIT
GPS,GLONASS,Galileo,Compass
1164 MHz ~ 1300 MHz
+3 V
* On this evaluation circuit, C4 does not make any difference, so
may not be used. But, using C4 or not shall be decided upon the
GPS system board.
Top
Bottom
indep(Source_stabcir[m1,::]) (0.000 to 51.000)
indep(Load_stabcir[m1,::]) (0.000 to 51.000)
RF IN
RF OUT
L1=7.2 nH
VCTL
Hi: ON
Low: OFF (Power Save)
C2=1 pF
C3=1
F
VDD
ASL22N
1
2
3
4
5
6
C1=100 pF
C4=1
F
L2=12 nH



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com