Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASW214 Datasheet(PDF) 7 Page - Advanced Semiconductor Business Inc.

Part # ASW214
Description  5 ~ 8000 MHz MMIC Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASW214 Datasheet(HTML) 7 Page - Advanced Semiconductor Business Inc.

Back Button ASW214 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASW214 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASW214 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASW214 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASW214 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASW214 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASW214 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASW214 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASW214 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7/12
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
October 2013
ASW214
5 ~ 8000 MHz MMIC Amplifier
Performance with varying VDEVICE
VDEVICE
(V)
Current
(mA)
Freq.
(MHz)
Gain
(dB)
S11
(dB)
S22
(dB)
OIP31)
(dBm)
P1dB
(dBm)
NF
(dB)
+4.8
54
900
19.6
-14.5
-13.0
31.0
16.4
5.13
2000
17.9
-12.2
-12.7
30.7
16.6
5.58
3500
15.0
-9.4
-11.5
29.5
15.8
--
+4.65
44
900
19.4
-15.2
-12.3
27.9
14.4
5.12
2000
17.7
-12.7
-12.3
28.0
15.4
5.40
3500
14.7
-9.5
-11.7
26.5
13.6
--
+4.45
36
900
18.9
-16.6
-11.2
24.4
12.4
5.00
2000
17.4
-13.4
-11.5
24.7
13.0
5.09
3500
14.6
-9.6
-10.4
25.2
13.5
--
1) OIP3 is measured with two tones at an output power of +0 dBm/tone separated by 1 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com