Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASW214 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASW214
Description  5 ~ 8000 MHz MMIC Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASW214 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASW214 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASW214 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASW214 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASW214 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASW214 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASW214 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASW214 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASW214 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASW214 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
October 2013
ASW214
5 ~ 8000 MHz MMIC Amplifier
(Supply Voltage = +5 V, TA = +25 C, Z0 = 50 )
Parameters
Units
Typical
Frequency
MHz
900
2000
3500
5800
Gain
dB
19.5
18.0
15.0
12.5
S11
dB
-12.5
-9.0
-9.0
-14.0
S22
dB
-11
-14
-10
-14
Output IP31)
dBm
30.0
32.0
28.0
24.5
Noise Figure
dB
5.5
5.7
6.4
5.7
Output P1dB
dBm
16.0
17.0
14.5
13.5
Current
mA
52
52
52
52
Device Voltage
V
+5
+5
+5
+5
1) OIP3 is measured with two tones at an output power of +0 dBm/tone separated by 1 MHz.
Parameters
Units
Min
Typ.
Max
Testing Frequency
MHz
900
Gain
dB
18.5
19.5
S11
dB
-12.5
S22
dB
-11
Output IP3
dBm
29
30
Noise Figure
dB
5.5
6.0
Output P1dB
dBm
15
16
Current
mA
47
52
57
Device Voltage
V
+5
Parameters
Rating
Operating Case Temperature
-40 to
85 C
Storage Temperature
-40 to
150 C
Device Voltage
+6 V
Operating Junction Temperature
+150
C
Input RF Power (CW, 50
 matched)*
25 dBm
Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
Features
Description
Typical Performance
Absolute Maximum Ratings
 19.5 dB Gain at 900 MHz
 16 dBm P1dB at 900 MHz
 30 dBm Output IP3 at 900 MHz
 5.5 dB NF at 900 MHz
 MTTF > 100 Years
 Single Supply
The ASW214, a power amplifier MMIC, has a high
linearity, high gain, and high efficiency over a wide
range of frequency, being suitable for use in both
receiver and transmitter of telecommunication sys-
tems up to 8 GHz. The amplifier is available in a
SOT89 package and passes through the stringent
DC, RF, and reliability tests.
Application Circuit
 IF
 500 ~ 3500 MHz
 1700 ~ 2500 MHz
 3300 ~ 3800 MHz
 4000 ~ 6000 MHz
 70 ~ 2700 MHz
 500 ~ 2700 MHz (3.3 V/ 35 mA)
Product Specifications
ASW214
Package Style: SOT89
Pin Configuration
Pin No.
Function
1
RF IN
2
GND
3
RF OUT & Bias


Similar Part No. - ASW214

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASW214 ASB-ASW214 Datasheet
1Mb / 13P
MMIC Amplifier
April 2017
ASW214 ASB-ASW214_17 Datasheet
1Mb / 13P
MMIC Amplifier
April 2017
More results

Similar Description - ASW214

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL033 ASB-ASL033 Datasheet
901Kb / 17P
5-4000 MHz MMIC Amplifier
January 2012
AST11L ASB-AST11L Datasheet
488Kb / 7P
5-3500 MHz MMIC Amplifier
February 2010
ASW114 ASB-ASW114 Datasheet
797Kb / 15P
5-8000 MHz MMIC Amplifier
July 2012
ASW135 ASB-ASW135 Datasheet
341Kb / 5P
5-4000 MHz MMIC Amplifier
July 2011
ASW208 ASB-ASW208 Datasheet
697Kb / 11P
5-6000 MHz MMIC Amplifier
August 2012
ASW234 ASB-ASW234 Datasheet
445Kb / 8P
5-8000 MHz MMIC Amplifier
February 2010
ASF255 ASB-ASF255 Datasheet
433Kb / 6P
5-3000 MHz MMIC Amplifier
September 2012
ASW335 ASB-ASW335 Datasheet
905Kb / 16P
5 ~ 4000 MHz MMIC Amplifier
January 2014
AWB207 ASB-AWB207 Datasheet
687Kb / 9P
5 ~ 4000 MHz MMIC Amplifier
October 2013
AWB389 ASB-AWB389_17 Datasheet
566Kb / 7P
5 ~ 4000 MHz MMIC Amplifier
April 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com