Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASW214 Datasheet(PDF) 11 Page - Advanced Semiconductor Business Inc.

Part # ASW214
Description  5 ~ 8000 MHz MMIC Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASW214 Datasheet(HTML) 11 Page - Advanced Semiconductor Business Inc.

Back Button ASW214 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASW214 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASW214 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASW214 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASW214 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASW214 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASW214 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASW214 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASW214 Datasheet HTML 12Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11/12
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
October 2013
ASW214
5 ~ 8000 MHz MMIC Amplifier
1) OIP3 is measured with two tones at an output power of +0 dBm/tone separated by 1
MHz.
2) OIP2 is measured with two tones (100MHz, 800MHz) at an output power of +0
dBm/tone, 700 MHz.
C1=1000 pF
L1=680 nH
C2=1000 pF
Vcc=5 V
RF IN
RF OUT
C3=100 pF
C4=1
F
ASW214
D1=5.6V
Zener Diode
R1=2.7
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Frequency (MHz)
70
900
1800
2700
Magnitude S21 (dB)
20.0
19.0
17.5
15.5
Magnitude S11 (dB)
-13
-14
-15
-12
Magnitude S22 (dB)
-11
-10
-9
-12
Output P1dB (dBm)
16
15
15
15
Output IP31) (dBm)
29.5
29.5
29.5
29.5
Output IP22) (dBm)
40
Noise Figure (dB)
5.4
5.3
5.5
5.8
Device Voltage (V)
+5
+5
+5
+5
Current (mA)
52
52
52
52
ONU
70 ~ 2700 MHz
+5 V
0
500
1000
1500
2000
2500
3000
3500
0
5
10
15
20
25
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
-20
-15
-10
-5
0
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
-20
-15
-10
-5
0
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com