Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR293 Datasheet(PDF) 7 Page - Analog Devices

Part # ADR293
Description  Low Noise, Micropower 5.0 V Precision Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR293 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADR293 Datasheet HTML 3Page - Analog Devices ADR293 Datasheet HTML 4Page - Analog Devices ADR293 Datasheet HTML 5Page - Analog Devices ADR293 Datasheet HTML 6Page - Analog Devices ADR293 Datasheet HTML 7Page - Analog Devices ADR293 Datasheet HTML 8Page - Analog Devices ADR293 Datasheet HTML 9Page - Analog Devices ADR293 Datasheet HTML 10Page - Analog Devices ADR293 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADR293
Rev. D | Page 7 of 12
200
160
120
80
40
0
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VS = 6V
IOUT = 5mA
IOUT = 1mA
Figure 9. Load Regulation vs. Temperature
2
1
0
–1
–2
–3
–4
0.1
1
10
SOURCING LOAD CURRENT (mA)
TA = +125°C
TA = +25°C
TA = –40°C
Figure 10. ΔVOUT from Nominal vs. Load Current
1k
100
10
100
1k
FREQUENCY (Hz)
VIN = 15V
TA = 25°C
Figure 11. Voltage Noise Density vs. Frequency
120
100
80
60
40
20
0
10
100
1k
FREQUENCY (Hz)
VS = 6V
Figure 12. Ripple Rejection vs. Frequency
100
10
1
10
100
1k
10k
FREQUENCY (Hz)
VS = 6V
IL = 0mA
Figure 13. Output Impedance vs. Frequency
10µV p-p
1s/DIV
Figure 14. 0.1 Hz to 10 Hz Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com