Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR293 Datasheet(PDF) 9 Page - Analog Devices

Part # ADR293
Description  Low Noise, Micropower 5.0 V Precision Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR293 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADR293 Datasheet HTML 4Page - Analog Devices ADR293 Datasheet HTML 5Page - Analog Devices ADR293 Datasheet HTML 6Page - Analog Devices ADR293 Datasheet HTML 7Page - Analog Devices ADR293 Datasheet HTML 8Page - Analog Devices ADR293 Datasheet HTML 9Page - Analog Devices ADR293 Datasheet HTML 10Page - Analog Devices ADR293 Datasheet HTML 11Page - Analog Devices ADR293 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADR293
Rev. D | Page 9 of 12
TERMINOLOGY
Line Regulation
The change in output voltage due to a specified change in input
voltage. It includes the effects of self-heating. Line regulation is
expressed in percent per volt, parts per million per volt, or
microvolts per volt change in input voltage.
Load Regulation
The change in output voltage due to a specified change in load
current. It includes the effects of self-heating. Load regulation is
expressed in microvolts per milliampere, parts per million per
milliampere, or ohms of dc output resistance.
Long-Term Stability
Typical shift of output voltage of 25°C on a sample of parts
subjected to high temperature operating life test of 1000 hours
at 125°C.
( )
()
1
OUT
0
OUT
OUT
t
V
t
V
V
−
=
Δ
[]
()
()
()
6
10
ppm
×
−
=
Δ
0
OUT
1
OUT
0
OUT
OUT
t
V
t
V
t
V
V
where:
VOUT (t0)
= VOUT at 25°C at time 0.
VOUT (t1)
= VOUT at 25°C after 1000 hours operation at 125°C.
NC = No Connect
There are in fact connections at NC pins, which are reserved for
manufacturing purposes. Users should not connect anything at
NC pins.
Temperature Coefficient
The change of output voltage over the operating temperature
change and normalized by the output voltage at 25°C, expressed
in ppm/°C.
[]
()
( )
()
()
6
10
C
ppm/
×
−
×
°
−
=
°
1
2
OUT
1
OUT
2
OUT
OUT
T
T
C
25
V
T
V
Τ
V
V
TC
where:
VOUT
(25°C) = VOUT at 25°C.
VOUT (T1)
= VOUT at Temperature 1.
VOUT (T2)
= VOUT at Temperature 2.
Thermal Hysteresis
Thermal hysteresis is defined as the change of output voltage
after the device is cycled through temperatures from +25°C to
–40°C to +85°C and back to +25°C. This is a typical value from
a sample of parts put through such a cycle.
(
)
TC
OUT
OUT
HYS
OUT
V
C
25
V
V
−
−
−
°
=
[]
()
()
6
10
ppm
×
°
−
°
=
−
−
C
25
V
V
C
25
V
V
OUT
TC
OUT
OUT
HYS
OUT
where:
VOUT
(25°C) = VOUT at 25°C.
VOUT-TC
= VOUT (25°C) after temperature cycle at +25°C to –40°C
to +85°C and back to +25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com