Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR293 Datasheet(PDF) 11 Page - Analog Devices

Part # ADR293
Description  Low Noise, Micropower 5.0 V Precision Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR293 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADR293 Datasheet HTML 4Page - Analog Devices ADR293 Datasheet HTML 5Page - Analog Devices ADR293 Datasheet HTML 6Page - Analog Devices ADR293 Datasheet HTML 7Page - Analog Devices ADR293 Datasheet HTML 8Page - Analog Devices ADR293 Datasheet HTML 9Page - Analog Devices ADR293 Datasheet HTML 10Page - Analog Devices ADR293 Datasheet HTML 11Page - Analog Devices ADR293 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADR293
Rev. D | Page 11 of 12
APPLICATIONS
KELVIN CONNECTIONS
In many portable instrumentation applications where PC board
cost and area go hand-in-hand, circuit interconnects are very often
of dimensionally minimum width. These narrow lines can cause
large voltage drops if the voltage reference is required to provide
load currents to various functions. In fact, a circuit’s interconnects
can exhibit a typical line resistance of 0.45 mΩ/square (1 oz. Cu,
for example). Force and sense connections, also referred to as
Kelvin connections, offer a convenient method of eliminating
the effects of voltage drops in circuit wires. Load currents flowing
through wiring resistance produce an error (VERROR = R × IL) at
the load. However, the Kelvin connection in Figure 23 overcomes
the problem by including the wiring resistance within the forcing
loop of the op amp. Because the op amp senses the load voltage,
op amp loop control forces the output to compensate for the
wiring error and to produce the correct voltage at the load.
A1
1µF
100kΩ
+VOUT
SENSE
VIN
RLW
RL
RLW
+VOUT
FORCE
VOUT
GND
VIN
ADR293
2
6
4
Figure 23. Advantage of Kelvin Connection
VOLTAGE REGULATOR FOR PORTABLE
EQUIPMENT
The ADR293 is ideal for providing a stable, low cost, and low
power reference voltage in portable equipment power supplies.
Figure 24 shows how the ADR293 can be used in a voltage
regulator that not only has low output noise (as compared to
switch mode design) and low power, but also a very fast
recovery after current surges. Some precautions should be taken
in the selection of the output capacitors. Too high an ESR
(effective series resistance) could endanger the stability of the
circuit. A solid tantalum capacitor, 16 V or higher, and an
aluminum electrolytic capacitor, 10 V or higher, are recom-
mended for C1 and C2, respectively. In addition, the path from
the ground side of C1 and C2 to the ground side of R1 should
be kept as short as possible.
ADR293
VOUT
GND
VIN
0.1µF
LEAD-ACID
BATTERY
+
6V
CHARGER
INPUT
R1
402kΩ
1%
C1
68µF
TANT
C2
1000µF
ELECT
R2
402kΩ
1%
+
+
5V, 100mA
IRF9530
R3
510kΩ
OP20
2
6
2
7
6
4
3
4
Figure 24. Voltage Regulator for Portable Equipment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com