Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC574J Datasheet(PDF) 4 Page - NEC

Part # UPC574J
Description  MONOLITHIC BIPOLAR INTEGRATED CIRCUIT VOLTAGE STABILIZER FOR ELECTRONIC TUNER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC574J Datasheet(HTML) 4 Page - NEC

  UPC574J Datasheet HTML 1Page - NEC UPC574J Datasheet HTML 2Page - NEC UPC574J Datasheet HTML 3Page - NEC UPC574J Datasheet HTML 4Page - NEC UPC574J Datasheet HTML 5Page - NEC UPC574J Datasheet HTML 6Page - NEC UPC574J Datasheet HTML 7Page - NEC UPC574J Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
µPC574
4
MEASURING CIRCUITS
(i) Measuring Circuit for Stabilized Voltage VZ
Digital Volt Meter
RB
EB
IZ = 5 mA
A
V
2
1
PC574
µ
(ii) Measuring Circuit for Dynamic Resistance rZ
IZ
VZ
IZ
0.5 mA
5 mA
f = 1 kHz
100
Ω
50 F
µ
RB
EB
A
VV1
VV2
2
+
C
0.1 F
µ
1
PC574
µ
IAC =
IZ
10
rZ =
VV1
0.5 mA
VV1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com