Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC574J Datasheet(PDF) 6 Page - NEC

Part # UPC574J
Description  MONOLITHIC BIPOLAR INTEGRATED CIRCUIT VOLTAGE STABILIZER FOR ELECTRONIC TUNER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC574J Datasheet(HTML) 6 Page - NEC

  UPC574J Datasheet HTML 1Page - NEC UPC574J Datasheet HTML 2Page - NEC UPC574J Datasheet HTML 3Page - NEC UPC574J Datasheet HTML 4Page - NEC UPC574J Datasheet HTML 5Page - NEC UPC574J Datasheet HTML 6Page - NEC UPC574J Datasheet HTML 7Page - NEC UPC574J Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
µPC574
6
PACKAGE DRAWING
F
G
M
12
J
U
V
A
N
M
K
Q
Y
H
NOTE
Each lead centerline is located within 0.25 mm (0.01 inch) of
its true position (T.P.) at maximum material condition.
P2J-254B-1
ITEM
MILLIMETERS
INCHES
A
F
G
H
J
K
M
N
Q
U
5.2 MAX.
0.25
1.8 MIN.
5.5 MAX.
4.2 MAX.
0.5±0.1
V
Y
15.0±0.7
2.8 MAX.
8.0 MAX.
0.5±0.1
2.54
1.33 MAX.
0.205 MAX.
0.02
0.1
0.053 MAX.
0.07 MIN.
0.217 MAX.
0.166 MAX.
0.315 MAX.
0.111 MAX.
0.02
0.591
+0.028
–0.029
0.01
+0.004
–0.005
+0.004
–0.005
2 PIN PLASTIC SIP (TO-92)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com