Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC574J Datasheet(PDF) 1 Page - NEC

Part # UPC574J
Description  MONOLITHIC BIPOLAR INTEGRATED CIRCUIT VOLTAGE STABILIZER FOR ELECTRONIC TUNER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC574J Datasheet(HTML) 1 Page - NEC

  UPC574J Datasheet HTML 1Page - NEC UPC574J Datasheet HTML 2Page - NEC UPC574J Datasheet HTML 3Page - NEC UPC574J Datasheet HTML 4Page - NEC UPC574J Datasheet HTML 5Page - NEC UPC574J Datasheet HTML 6Page - NEC UPC574J Datasheet HTML 7Page - NEC UPC574J Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©
1998
DATA SHEET
BIPOLAR ANALOG INTEGRATED CIRCUIT
µPC574
MONOLITHIC BIPOLAR INTEGRATED CIRCUIT
VOLTAGE STABILIZER FOR ELECTRONIC TUNER
The
µPC574 is a monolithic integrated voltage stabilizer especially designed as voltage supplier for electronic
tuners.
FEATURES
•
Low temperature coefficient
•
Low dynamic resistance
•
Typical reference voltage of 33 V
EQUIVALENT CIRCUIT
PIN CONFIGURATION (Marking Side)
µPC574J: 2-pin plastic SIP (TO-92)
ORDERING INFORMATION
Part Number
Package
µPC574J
2-pin plastic SIP (TO-92)
The information in this document is subject to change without notice.
The mark
shows major revised points.
Document No. S13200EJ4V0DS00 (4th edition)
(Previous No. IC-1006)
Date Published January 1998 N CP(K)
Printed in Japan
R4
R2
R1
D1
2
1
Q3
Q2
Q1
D2
D3
D4
D5
R3
2
1
1. Anode
2. Cathode


Similar Part No. - UPC574J

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC574J RENESAS-UPC574J Datasheet
174Kb / 10P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1998
More results

Similar Description - UPC574J

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1608 NTE-NTE1608 Datasheet
24Kb / 3P
Integrated Circuit AM Tuner w/Electronic Tuning
NTE615P NTE-NTE615P Datasheet
16Kb / 1P
Integrated Circuit Voltage Stabilizer for Electronic Tuner
logo
KEC(Korea Electronics)
KIA6035P KEC-KIA6035P Datasheet
210Kb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT (AM TUNER SYSTEM FOR CAR AUDIO)
KIA6092F KEC-KIA6092F Datasheet
183Kb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT (1.5V AM/FM TUNER)
logo
List of Unclassifed Man...
TCA530 ETC-TCA530 Datasheet
267Kb / 7P
INTEGRATED VOLTAGE STABILIZER
logo
Toshiba Semiconductor
TA4107F TOSHIBA-TA4107F Datasheet
102Kb / 7P
Bipolar Linear Integrated Circuit Silicon Monolithic
logo
NEC
UPC1215V NEC-UPC1215V Datasheet
894Kb / 10P
ELECTRONIC TUNING AM RADIO RECEIVER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
logo
List of Unclassifed Man...
ECG1080 ETC1-ECG1080 Datasheet
259Kb / 5P
BIPOLAR MONOLITHIC LINEAR INTEGRATED CIRCUIT
TCA750 ETC1-TCA750 Datasheet
234Kb / 9P
Multi-stabilizer for electronic tuning
logo
Toshiba Semiconductor
TA78L05FTE12L TOSHIBA-TA78L05FTE12L Datasheet
390Kb / 19P
Bipolar Linear Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com