Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFD3N08LSM Datasheet(PDF) 1 Page - Intersil Corporation

Part # RFD3N08LSM
Description  3A, 80V, 0.800 Ohm, Logic Level, N-Channel Power MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFD3N08LSM Datasheet(HTML) 1 Page - Intersil Corporation

  RFD3N08LSM Datasheet HTML 1Page - Intersil Corporation RFD3N08LSM Datasheet HTML 2Page - Intersil Corporation RFD3N08LSM Datasheet HTML 3Page - Intersil Corporation RFD3N08LSM Datasheet HTML 4Page - Intersil Corporation RFD3N08LSM Datasheet HTML 5Page - Intersil Corporation RFD3N08LSM Datasheet HTML 6Page - Intersil Corporation RFD3N08LSM Datasheet HTML 7Page - Intersil Corporation RFD3N08LSM Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
6-26
File Number
2836.4
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures.
PSPICE® is a registered trademark of MicroSim Corporation.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
RFD3N08L, RFD3N08LSM
3A, 80V, 0.800 Ohm, Logic Level,
N-Channel Power MOSFETs
The RFD3N08L and RFD3N08LSM are N-Channel
enhancement mode silicon gate power field effect transistors
specifically designed for use with logic level (5V) driving
sources in applications such as programmable controllers,
automotive switching, and solenoid drivers. This
performance is accomplished through a special gate oxide
design which provides full rated conductance at gate biases
in the 3V to 5V range, thereby facilitating true on-off power
control directly from logic circuit supply voltages.
Formerly developmental type TA09922.
Features
• 3A, 80V
•rDS(ON) = 0.800Ω
• Temperature Compensating PSPICE® Model
• On Resistance vs Gate Drive Voltage Curves
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• 175oC Operating Temperature
• Related Literature
- TB334 “Guidelines for Soldering Surface Mount
Components to PC Boards”
Symbol
Packaging
Ordering Information
PART NUMBER
PACKAGE
BRAND
RFD3N08L
TO-251AA
F3N08L
RFD3N08LSM
TO-252AA
F3N08L
NOTE: When ordering, include the entire part number. Add the suffix 9A
to obtain the TO-252AA variant in tape and reel, i.e. RFD3N08LSM9A
G
D
S
JEDEC TO-251AA
JEDEC TO-252AA
SOURCE
DRAIN
GATE
DRAIN
(FLANGE)
GATE
SOURCE
DRAIN
(FLANGE)
Data Sheet
July 1999


Similar Part No. - RFD3N08LSM

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
RFD3N08LSM ISC-RFD3N08LSM Datasheet
298Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - RFD3N08LSM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HUF76013P3 INTERSIL-HUF76013P3 Datasheet
245Kb / 11P
20A, 20V, 0.022 Ohm, N-Channel, Logic Level Power MOSFETs
2000 04
IRFR220 INTERSIL-IRFR220 Datasheet
55Kb / 7P
4.6A, 200V, 0.800 Ohm, N-Channel Power MOSFETs
July 1999
RFD14N05L INTERSIL-RFD14N05L Datasheet
74Kb / 8P
14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
April 1999
RFD14N06L INTERSIL-RFD14N06L Datasheet
83Kb / 8P
14A, 60V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
July 1999
RFD4N06L INTERSIL-RFD4N06L Datasheet
38Kb / 5P
4A, 60V, 0.600 Ohm, Logic Level, N-Channel Power MOSFETs
June 1999
RFP15N08L INTERSIL-RFP15N08L Datasheet
40Kb / 5P
15A, 80V, 0.140 Ohm, Logic Level, N-Channel Power MOSFET
June 1999
RFP2N08L INTERSIL-RFP2N08L Datasheet
35Kb / 5P
2A, 80V and 100V, 1.050 Ohm, Logic Level, N-Channel Power MOSFETs
July 1999
RFP4N05 INTERSIL-RFP4N05 Datasheet
40Kb / 5P
4A, 50V and 60V, 0.800 Ohm, N-Channel Power MOSFETs
June 1999
RFP4N05L INTERSIL-RFP4N05L Datasheet
35Kb / 5P
4A, 50V and 60V, 0.800 Ohm, Logic Level, N-Channel Power MOSFETs
July 1999
logo
Austin Semiconductor
RFP50N05L AUSTIN-RFP50N05L_04 Datasheet
157Kb / 6P
50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com