Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFF60P06 Datasheet(PDF) 4 Page - Intersil Corporation

Part # RFF60P06
Description  25A?? 60V, 0.030 Ohm, P-Channel Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFF60P06 Datasheet(HTML) 4 Page - Intersil Corporation

  RFF60P06 Datasheet HTML 1Page - Intersil Corporation RFF60P06 Datasheet HTML 2Page - Intersil Corporation RFF60P06 Datasheet HTML 3Page - Intersil Corporation RFF60P06 Datasheet HTML 4Page - Intersil Corporation RFF60P06 Datasheet HTML 5Page - Intersil Corporation RFF60P06 Datasheet HTML 6Page - Intersil Corporation RFF60P06 Datasheet HTML 7Page - Intersil Corporation RFF60P06 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4-184
FIGURE 6. UNCLAMPED INDUCTIVE SWITCHING
FIGURE 7. SATURATION CHARACTERISTICS
FIGURE 8. TRANSFER CHARACTERISTICS
FIGURE 9. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
FIGURE 10. NORMALIZED GATE THRESHOLD VOLTAGE vs
JUNCTION TEMPERATURE
FIGURE 11. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
Typical Performance Curves Unless Otherwise Specified (Continued)
-100
-75
-10
0.1
1
10
100
tAV, TIME IN AVALANCHE (ms)
STARTING TJ = 25
oC
STARTING TJ = 150
oC
tAV = (L/R) ln [(IAS*R) / (1.3 RATED BVDSS - VDD) + 1]
tAV = (L) (IAS) / (1.3 RATED BVDSS - VDD)
If R = 0
If R
≠ 0
-200
0
0
-2
-4
-6
-8
-10
VGS = -5V
VGS = -6V
VGS = -8V
VGS = -7V
VGS = -10V
-25
-50
-75
-150
VGS = -4.5V
VGS = -20V
-100
-125
VDS, DRAIN TO SOURCE VOLTAGE (V)
PULSE DURATION = 250
µs
TC = 25
oC
0
-2
-4
-6
-8
-10
VGS, GATE TO SOURCE VOLTAGE (V)
0
PULSE TEST
PULSE DURATION = 250
µs
DUTY CYCLE = 0.5% MAX
-55oC
150oC
25oC
-25
-50
-100
-75
-125
-150
VDD = -15V
2.0
1.5
1.0
0.5
0
-80
-40
0
40
80
TJ, JUNCTION TEMPERATURE (
oC)
120
160
2.5
PULSE DURATION = 250
µs, VGS = -10V, ID = 25A
2.0
1.5
1.0
0.5
0
-80
-40
0
40
80
160
120
TJ, JUNCTION TEMPERATURE (
oC)
VGS = VDS, ID = 250µA
2.0
1.5
1.0
0.5
0
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (
oC)
ID = 250µA
RFF60P06



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com