Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFF60P06 Datasheet(PDF) 3 Page - Intersil Corporation

Part # RFF60P06
Description  25A?? 60V, 0.030 Ohm, P-Channel Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFF60P06 Datasheet(HTML) 3 Page - Intersil Corporation

  RFF60P06 Datasheet HTML 1Page - Intersil Corporation RFF60P06 Datasheet HTML 2Page - Intersil Corporation RFF60P06 Datasheet HTML 3Page - Intersil Corporation RFF60P06 Datasheet HTML 4Page - Intersil Corporation RFF60P06 Datasheet HTML 5Page - Intersil Corporation RFF60P06 Datasheet HTML 6Page - Intersil Corporation RFF60P06 Datasheet HTML 7Page - Intersil Corporation RFF60P06 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
4-183
Typical Performance Curves Unless Otherwise Specified
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. PEAK CURRENT CAPABILITY
1.2
1.0
0.8
0.6
0.4
0.2
0
0
25
50
75
100
125
150
TC, CASE TEMPERATURE (
oC)
TC, CASE TEMPERATURE (
oC)
150
100
75
50
25
-10
-20
-30
-5
-15
-25
125
2
1
0.1
0.01
10-5
10-4
10-3
10-2
10-1
100
101
t, RECTANGULAR PULSE DURATION (s)
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x Z
θJC x RθJC + TC
PDM
t1
t2
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
0.5
-500
-100
-10
-10
-100
VDS, DRAIN-TO-SOURCE VOLTAGE (V)
OPERATION IN THIS
AREA MAY BE
LIMITED BY rDS(ON)
VDSS MAX = -60V
10ms
100
µs
1ms
-1
-1
100ms
DC
TC = 25
oC
TJ = MAX RATED
10-5
10-4
10-3
10-2
10-1
100
101
-102
-103
t, PULSE WIDTH (s)
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
VGS = -10V
FOR TEMPERATURES ABOVE 25oC
DERATE PEAK CURRENT
CAPABILITY AS FOLLOWS:
II
25
150
T
C
–
125
----------------------



=
-101
TC = 25
oC
RFF60P06



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com