Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFF60P06 Datasheet(PDF) 1 Page - Intersil Corporation

Part # RFF60P06
Description  25A?? 60V, 0.030 Ohm, P-Channel Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFF60P06 Datasheet(HTML) 1 Page - Intersil Corporation

  RFF60P06 Datasheet HTML 1Page - Intersil Corporation RFF60P06 Datasheet HTML 2Page - Intersil Corporation RFF60P06 Datasheet HTML 3Page - Intersil Corporation RFF60P06 Datasheet HTML 4Page - Intersil Corporation RFF60P06 Datasheet HTML 5Page - Intersil Corporation RFF60P06 Datasheet HTML 6Page - Intersil Corporation RFF60P06 Datasheet HTML 7Page - Intersil Corporation RFF60P06 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
4-181
File Number
3975.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures.
PSPICE® is a registered trademark of MicroSim Corporation.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999.
RFF60P06
25A†, 60V, 0.030 Ohm, P-Channel Power
MOSFET
The RFF60P06 P-Channel power MOSFET is manufactured
using the MegaFET process. This process, which uses
feature sizes approaching those of LSI circuits gives
optimum utilization of silicon, resulting in outstanding
performance. It was designed for use in applications such as
switching regulators, switching converters, motor drivers,
and relay drivers. These transistors can be operated directly
from integrated circuits.
Reliability screening is available as either commercial or
TX/TXV equivalent of MIL-S-19500. Contact Intersil
Corporation High-Reliability Marketing group for any desired
deviations from the data sheet.
Formerly developmental type TA09835.
Commercial Version: RFG60P06E.
† Current is limited by the package capability.
Features
• 25A, 60V
•rDS(ON) = 0.030Ω
• Temperature Compensating PSPICE® Model
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• 150oC Operating Temperature
• Reliability Screened
Symbol
Packaging
JEDEC TO-254AA
CAUTION: Berylia Warning per MIL-S-19500.
Refer to package specifications.
Ordering Information
PART NUMBER
PACKAGE
BRAND
RFF60P06
TO-254AA
RFF60P06
NOTE: When ordering, use the entire part number.
D
G
S
GATE
SOURCE
DRAIN
PACKAGE TAB
(ISOLATED)
Data Sheet
September 1998


Similar Part No. - RFF60P06

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
RFF600-24S28-5TY ARTESYN-RFF600-24S28-5TY Datasheet
288Kb / 5P
DC-DC CONVERTERS 500 W, 600 W and 700 W Full-Brick
RFF600-24S28-5Y ARTESYN-RFF600-24S28-5Y Datasheet
288Kb / 5P
DC-DC CONVERTERS 500 W, 600 W and 700 W Full-Brick
RFF600-24S28TY ARTESYN-RFF600-24S28TY Datasheet
117Kb / 5P
DC-DC CONVERTERS 500 W, 600 W and 700 W Full-Brick
RFF600-24S28Y ARTESYN-RFF600-24S28Y Datasheet
288Kb / 5P
DC-DC CONVERTERS 500 W, 600 W and 700 W Full-Brick
logo
Emerson Network Power
RFF600-24S28Y EMERSON-NETWORKPOWER-RFF600-24S28Y Datasheet
288Kb / 5P
DC-DC CONVERTERS 500 W, 600 W and 700 W Full-Brick
More results

Similar Description - RFF60P06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD25NF10L STMICROELECTRONICS-STD25NF10L Datasheet
451Kb / 9P
N-CHANNEL 100V - 0.030 ohm - 25A DPAK LOW GATE CHARGE STripFET™ II POWER MOSFET
Feb-2003
logo
Fairchild Semiconductor
RFG60P05E FAIRCHILD-RFG60P05E Datasheet
403Kb / 8P
60A, 50V, 0.030 Ohm, ESD Rated, P-Channel Power MOSFET
RFG60P06E FAIRCHILD-RFG60P06E Datasheet
380Kb / 8P
60A, 60V, 0.030 Ohm, ESD Rated, P-Channel Power MOSFET
logo
Intersil Corporation
IRF9150 INTERSIL-IRF9150 Datasheet
57Kb / 7P
-25A, -100V, 0.150 Ohm, P-Channel Power MOSFET
February 1999
IRFP9150 INTERSIL-IRFP9150 Datasheet
59Kb / 7P
25A, 100V, 0.150 Ohm, P-Channel Power MOSFET
August 1999
RFF70N06 INTERSIL-RFF70N06 Datasheet
78Kb / 8P
25A, 60V, 0.025 Ohm, N-Channel Power MOSFET
March 1999
RFG60P05E INTERSIL-RFG60P05E Datasheet
94Kb / 7P
60A, 50V, 0.030 Ohm, ESD Rated, P-Channel Power MOSFET
July 1999
RFG60P06E INTERSIL-RFG60P06E Datasheet
65Kb / 7P
60A, 60V, 0.030 Ohm, ESD Rated, P-Channel Power MOSFET
July 1999
logo
Unisonic Technologies
25N06 UTC-25N06_11 Datasheet
186Kb / 6P
25A, 60V N-CHANNEL POWER MOSFET
logo
New Jersey Semi-Conduct...
IRF9150 NJSEMI-IRF9150 Datasheet
152Kb / 3P
-25A, -100V, 0.150 Ohm, P-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com