Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASA303A Datasheet(PDF) 2 Page - Advanced Semiconductor Business Inc.

Part # ASA303A
Description  50 ~ 1200 MHz Gain Adjustable Trans-impedance Amplifier MMIC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASA303A Datasheet(HTML) 2 Page - Advanced Semiconductor Business Inc.

  ASA303A Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASA303A Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASA303A Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASA303A Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASA303A Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASA303A Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASA303A Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASA303A Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASA303A Datasheet HTML 9Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2/9
ASB Inc.
 sales@asb.co.kr
June 2014
ASA303A
ㅇ
version 1.
2. Summary on Product Performances
2.1 Typical Performance
Supply voltage = +5 V, TA = +25
C, ZO = 75 
Parameters
Test Conditions
Min
Typ
Max
Units
Gain Max
50 ~ 1200 MHz, Vctrl = 0 V
33
36
dB
Gain Adjustable Range
Over Vctrl = 0.0 ~ 3.3 V
30
dB
Gain Flatness
Over Vctrl = 0.0 ~ 3.3 V @ 50 ~ 860 MHz
Over Vctrl = 0.0 ~ 3.3 V @ 50 ~ 1000 MHz
Over Vctrl = 0.0 ~ 3.3 V @ 50 ~ 1200 MHz
 1.55
 1.65
 1.65
dB
dB
dB
Output Return Loss
50 ~ 1200 MHz, over Vctrl = 0.0 ~ 3.3 V
-10
dB
EIN
50 ~ 1200 MHz, Vctrl = 0.0 V
7.8
pA/rtHz
CN
Optical Input = +2 dBm
521), 532)
dBc
CSO
Optical Input = -8 dBm
671), 652)
dBc
Optical Input = +2 dBm
661), 722)
dBc
CTB
Optical Input = -8 dBm
671), 672)
dBc
Optical Input = +2 dBm
661), 662)
dBc
Current Consumption
Vdevice = +5 V
220
245
270
mA
1) For Pout = 82 dB
V, 527.25 MHz of PAL 98 channels.
2) For Pout = 84 dB
V, 743.25 MHz of CENELEC 42 channels.
2.2 Product Specification
Supply voltage = +5 V, TA = +25
C, ZO = 75 
2.3 Application Block Diagram
Parameter
Min
Typ
Max
Unit
Frequency
500
MHz
Gain Max.
33
36
dB
Output Return Loss
-10
dB
Current Consumption
220
245
270
mA
Voltage
Controlled
Attenuator
TIA
Matching
Circuit
Amp.
Matching
Circuit
ASA303A
Vdevice
Attenuation
Control Voltage
(VCtrl)
1 : 1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com