Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASA303A Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ASA303A
Description  50 ~ 1200 MHz Gain Adjustable Trans-impedance Amplifier MMIC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASA303A Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ASA303A Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASA303A Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASA303A Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASA303A Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASA303A Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASA303A Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASA303A Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASA303A Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASA303A Datasheet HTML 9Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
ASB Inc.
 sales@asb.co.kr
June 2014
ASA303A
ㅇ
version 1.
2.4 Absolute Maximum Ratings
Parameters
Max. Ratings
Operation Case Temperature
-40 to
85 C
Storage Temperature
-40 to
150 C
Device Voltage
+6 V
Operation Junction Temperature
+160
C
Input RF Power (CW)
+20 dBm
Maximum Current
300 mA
2.5 Thermal Resistance
Symbol
Description
Typ
Unit
Rth
Thermal resistance from junction to lead
22
C/W
2.6 Pin Descriptions
Pin
Pin Name
Description
Pin
Pin Name
Description
1
NC
No connection
14
OUT B
Output B
2
TIA IN A
TIA input A
15
NC
No connection
3
NC
No connection
16
NC
No connection
4
NC
No connection
17
OUT A
Output A
5
TIA IN B
TIA input B
18
NC
No connection
6
NC
No connection
19
NC
No connection
7
TIA Bias B
TIA VDD B
20
NC
No connection
8
NC
No connection
21
NC
No connection
9
NC
No connection
22
NC
No connection
10
Vctrl
Gain control voltage
23
NC
No connection
11
NC
No connection
24
TIA Bias A
TIA VDD A
12
NC
No connection
25
Paddle
RF & DC Ground
13
NC
No connection
TIA
Voltage
Control
Attenuator
AMP
1
2
3
4
5
6
18
17
16
15
14
13
7
8
9
10
11
12
24
23
22
21
20
19
(NOTE)
The left schematic is the top view of
QFN24 plastic package with a circled
pin 1 mark and a dotted lead & metal
exposed paddle on its bottom.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com