Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASA303A Datasheet(PDF) 8 Page - Advanced Semiconductor Business Inc.

Part # ASA303A
Description  50 ~ 1200 MHz Gain Adjustable Trans-impedance Amplifier MMIC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASA303A Datasheet(HTML) 8 Page - Advanced Semiconductor Business Inc.

  ASA303A Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASA303A Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASA303A Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASA303A Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASA303A Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASA303A Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASA303A Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASA303A Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASA303A Datasheet HTML 9Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8/9
ASB Inc.
 sales@asb.co.kr
June 2014
ASA303A
ㅇ
version 1.
4. Package Outline (QFN24, 4.0x4.0x1.5 mm3)
5. Surface Mount Recommendation (In mm)
Symbols
Dimensions (In mm)
MIN
NOM
MAX
A
0.80
0.85
0.90
A1
0
0.010
0.030
A3
---
0.20REF
---
b
0.18
0.23
0.28
D
3.95
4.00
4.03
D1
---
2.60BSC
---
E
3.95
4.00
4.03
E1
---
2.60BSC
---
e
---
0.50BSC
---
L
0.35
0.40
0.45
-12
---
0
ccc
---
0.08
---
M
---
---
0.05
Burr
0
0.030
0.060
NOTE
1. The number and size of ground via holes in a circuit
board is critical for thermal and RF grounding con-
siderations.
2. Recommended is that the ground via holes be
placed on the bottom of the exposed pad of the de-
vice for better RF and thermal performance, as
shown in the drawing at the left side.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com