Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8413AT/883C Datasheet(PDF) 10 Page - Analog Devices

Part # DAC8413AT/883C
Description  Quad, 12-Bit DAC Voltage Output with Readback
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8413AT/883C Datasheet(HTML) 10 Page - Analog Devices

Back Button DAC8413AT/883C Datasheet HTML 6Page - Analog Devices DAC8413AT/883C Datasheet HTML 7Page - Analog Devices DAC8413AT/883C Datasheet HTML 8Page - Analog Devices DAC8413AT/883C Datasheet HTML 9Page - Analog Devices DAC8413AT/883C Datasheet HTML 10Page - Analog Devices DAC8413AT/883C Datasheet HTML 11Page - Analog Devices DAC8413AT/883C Datasheet HTML 12Page - Analog Devices DAC8413AT/883C Datasheet HTML 13Page - Analog Devices DAC8413AT/883C Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
DAC8412/DAC8413
Data Sheet
Rev. G | Page 10 of 20
0.2
–0.6
–0.4
–75
0
–0.2
0
TEMPERATURE (°C)
75
150
VDD = +15V
VSS = –15V
VREFH = +10V
VREFL = –10V
DAC A
DAC D
DAC B
DAC C
Figure 16. Full-Scale Error vs. Temperature
0.2
–0.6
–0.4
–75
0
–0.2
0
TEMPERATURE (°C)
75
150
VDD = +15V
VSS = –15V
VREFH = +10V
VREFL = –10V
DAC A
DAC D
DAC C
DAC B
Figure 17. Zero-Scale Error vs. Temperature
DIGITAL INPUT CODE (Decimal)
0.37500
0.08375
0
512
0.26125
–0.09375
–0.18750
–0.23125
–0.37500
0.18750
0
1024
1536
2048
2560
3072
3584
4096
VREFH = 10V
VREFL = 0V
TA = 25°C
Figure 18. Channel-to-Channel Matching (VSUPPLY = ±15 V)
1.00
0.25
0.75
–0.25
–0.50
–0.75
–1.00
0.50
0
DIGITAL INPUT CODE (Decimal)
0
512
1024
1536
2048
2560
3072
3584
4096
VDD = 5V
VSS = 0V
VREFH = 2.5V
TA = 25°C
Figure 19. Channel-to-Channel Matching (VSUPPLY = +5 V/GND)
13
10
4
7
3
7
VREFH (V)
1
5
9
13
VDD = +15V
VSS = –15V
VREFL = –10V
Figure 20. IDD vs. VREFH (All DACs High)
DIGITAL INPUT CODE (Decimal)
0.500
0.125
512
0.375
–0.125
–0.250
–0.375
–0.500
0.250
0
VDD = +15V
VSS = –15V
VREFH = +10V
VREFL = –10V
TA = –55°C, +25°C, +125°C
1024
1536
2048
2560
3072
3584
4096
0
Figure 21. INL vs. Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com