Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8413AT/883C Datasheet(PDF) 11 Page - Analog Devices

Part # DAC8413AT/883C
Description  Quad, 12-Bit DAC Voltage Output with Readback
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8413AT/883C Datasheet(HTML) 11 Page - Analog Devices

Back Button DAC8413AT/883C Datasheet HTML 7Page - Analog Devices DAC8413AT/883C Datasheet HTML 8Page - Analog Devices DAC8413AT/883C Datasheet HTML 9Page - Analog Devices DAC8413AT/883C Datasheet HTML 10Page - Analog Devices DAC8413AT/883C Datasheet HTML 11Page - Analog Devices DAC8413AT/883C Datasheet HTML 12Page - Analog Devices DAC8413AT/883C Datasheet HTML 13Page - Analog Devices DAC8413AT/883C Datasheet HTML 14Page - Analog Devices DAC8413AT/883C Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
DAC8412/DAC8413
Rev. G | Page 11 of 20
–580ns
10V
TRIG'D
0V
1µs/DIV
9.42µs
1V/DIV
EA
VDD = +15V
VSS = –15V
VREFH = +10V
VREFL = –10V
TA = 25°C
Figure 22. Positive Slew Rate
–1.96µs
15.5mV
2mV/DIV
TRIG'D
–4.5mV
2µs/DIV
0
INPUT
–5V
5V/DIV
18.04µs
VDD = +15V
VSS = –15V
VREFH = +10V
VREFL = –10V
TA = 25°C
Figure 23. Settling Time (Negative)
VDD = +15V
VSS = –15V
VREFH = +10V
VREFL = –10V
TA = 25°C
–1.96µs
32.5mV
5mV/DIV
TRIG'D
–17.5mV
2µs/DIV
5V
INPUT
0
5V/DIV
18.04µs
1 LSB ERROR BAND
Figure 24. Settling Time (Positive)
–580ns
10V
TRIG'D
0V
1µs/DIV
9.42µs
1V/DIV
EA
VDD = +15V
VSS = –15V
VREFH = +10V
VREFL = –10V
TA = 25°C
Figure 25. Negative Slew Rate
2.0
0.5
1.5
–0.5
1.0
0
DIGITAL INPUT CODE (Decimal)
511
1023
1535
2047
2559
3071
3583
4095
0
VDD = +15V
VSS = –15V
VREFH = +10V
VREFL = –10V
TA = 25°C
Figure 26. IVREFH vs. Code
0.6
1.0
LOAD RESISTANCE (kΩ)
0.8
0.4
0.2
0
–0.2
0.01
0.1
1
10
100
VDD = +15V
VSS = –15V
VREFH = +10V
VREFL = –10V
TA = 25°C
Figure 27. INL vs. Load Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com