Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8413AT/883C Datasheet(PDF) 2 Page - Analog Devices

Part # DAC8413AT/883C
Description  Quad, 12-Bit DAC Voltage Output with Readback
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8413AT/883C Datasheet(HTML) 2 Page - Analog Devices

  DAC8413AT/883C Datasheet HTML 1Page - Analog Devices DAC8413AT/883C Datasheet HTML 2Page - Analog Devices DAC8413AT/883C Datasheet HTML 3Page - Analog Devices DAC8413AT/883C Datasheet HTML 4Page - Analog Devices DAC8413AT/883C Datasheet HTML 5Page - Analog Devices DAC8413AT/883C Datasheet HTML 6Page - Analog Devices DAC8413AT/883C Datasheet HTML 7Page - Analog Devices DAC8413AT/883C Datasheet HTML 8Page - Analog Devices DAC8413AT/883C Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
DAC8412/DAC8413
Data Sheet
Rev. G | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
General Description ......................................................................... 1
 
aRevision History ............................................................................. 2
 
Specifications..................................................................................... 3
 
Electrical Characteristics............................................................. 3
 
Absolute Maximum Ratings............................................................ 7
 
Thermal Resistance ...................................................................... 7
 
ESD Caution.................................................................................. 7
 
Pin Configuration and Function Descriptions............................. 8
 
Typical Performance Characteristics ............................................. 9
 
Theory of Operation ...................................................................... 14
 
Introduction ................................................................................ 14
 
DACs ............................................................................................ 14
 
Glitch............................................................................................ 14
 
Reference Inputs ......................................................................... 14
 
Digital I/O ................................................................................... 14
 
Coding ......................................................................................... 14
 
Supplies........................................................................................ 15
 
Amplifiers.................................................................................... 15
 
Reference Configurations.......................................................... 16
 
Single +5 V Supply Operation .................................................. 17
 
Outline Dimensions ....................................................................... 18
 
Ordering Guide .......................................................................... 20
 
REVISION HISTORY
4/13—Rev. F to Rev. G
Changed Reference Low Input Current from 0 mA (min),
2 mA (typ), 2.75 mA (max) to −2.75 mA (min), −2 mA (typ),
0 mA (max); Table 1 ......................................................................... 3
Changes to Reference Configurations Section ........................... 17
9/09—Rev. E to Rev. F
Updated Figure Numbering ..............................................Universal
Removed Figure 7............................................................................. 6
Changes to Ordering Guide .......................................................... 20
6/07—Rev. D to Rev. E
Updated Format..................................................................Universal
Added CERDIP Package....................................................Universal
Changes to Specifications Section .................................................. 3
Changes to Absolute Maximum Ratings Section......................... 7
Updated Outline Dimensions ....................................................... 18
Changes to Ordering Guide .......................................................... 20
3/00—Rev. C to Rev. D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com