Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADG904-R Datasheet(PDF) 3 Page - Analog Devices

Part # EVAL-ADG904-R
Description  Evaluation Board for Wideband CMOS 4 1 Mux/SP4T
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADG904-R Datasheet(HTML) 3 Page - Analog Devices

  EVAL-ADG904-R_15 Datasheet HTML 1Page - Analog Devices EVAL-ADG904-R_15 Datasheet HTML 2Page - Analog Devices EVAL-ADG904-R_15 Datasheet HTML 3Page - Analog Devices EVAL-ADG904-R_15 Datasheet HTML 4Page - Analog Devices EVAL-ADG904-R_15 Datasheet HTML 5Page - Analog Devices EVAL-ADG904-R_15 Datasheet HTML 6Page - Analog Devices EVAL-ADG904-R_15 Datasheet HTML 7Page - Analog Devices EVAL-ADG904-R_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
EVAL-ADG904/ADG904-R
Rev. A | Page 3 of 8
ADG904/ADG904-R
The ADG904/ADG904-R evaluation board allows designers to
evaluate the high performance, wideband switches with
minimum effort. To test these devices to ensure that they meet
the user’s requirements, the user needs only a power supply and
a network analyzer to use this evaluation board.
The RFC port is connected through a 50 Ω transmission line to
the bottom left SMA Connector J4. RF1, RF2, RF3, and RF4 are
connected through 50 Ω transmission lines to the SMA connectors
(J5, J6, J7, and J8, respectively). A through transmission line
connects J9 and J10, and this transmission line is used to estimate
the loss of the PCB over the environmental conditions being
evaluated (see Figure 2).
The board is constructed of a 4-layer, FR4 material with a
dielectric constant of 4.3 and an overall thickness of 0.062 inches.
Two ground layers with grounded planes provide ground for
the RF transmission lines. The design of the transmission lines
incorporates a coplanar wave guide with a ground plane model
using a trace width of 0.024 inches, clearance to a ground plane
of 0.008 inches, dielectric thickness of 0.02 inches, and a metal
thickness of 0.0021 inches.
Two 10 μF surface-mount, tantalum decoupling capacitors are
provided on the VDD line, one placed close to the DUT along
with a 100 pF ceramic capacitor on the VDD line.
EVAL-ADG904-R/ADG904
C1
VDD
GND
J12
1
J3
K1
HL
EN
J1
K3
HL
A0
J2
K2
HL
A1
RF1
RF3
RFC
J5
J7
J4
RF2
RF4
CAL
CAL
J6
J8
J10
J9
U1
C2 C3
Figure 2. ADG904/ADG904-R Evaluation Board (Top View)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com