Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADG904-R Datasheet(PDF) 5 Page - Analog Devices

Part # EVAL-ADG904-R
Description  Evaluation Board for Wideband CMOS 4 1 Mux/SP4T
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADG904-R Datasheet(HTML) 5 Page - Analog Devices

  EVAL-ADG904-R_15 Datasheet HTML 1Page - Analog Devices EVAL-ADG904-R_15 Datasheet HTML 2Page - Analog Devices EVAL-ADG904-R_15 Datasheet HTML 3Page - Analog Devices EVAL-ADG904-R_15 Datasheet HTML 4Page - Analog Devices EVAL-ADG904-R_15 Datasheet HTML 5Page - Analog Devices EVAL-ADG904-R_15 Datasheet HTML 6Page - Analog Devices EVAL-ADG904-R_15 Datasheet HTML 7Page - Analog Devices EVAL-ADG904-R_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
EVAL-ADG904/ADG904-R
Rev. A | Page 5 of 8
ORDERING INFORMATION
BILL OF MATERIALS
Table 2. Bill of Materials
Item
Quantity
Reference
Part Description
Supplier/No.
1
2
C1, C2
10 μF, 10 V tantalum capacitor
FEC 197-130
2
1
C3
100 pF NPO ceramic capacitor
FEC 722-080
3
3
J1, J2, J3
Straight SMB jack
FEC 310-682
4
7
J4 to J10
SMA end-launch RF connector
Johnson Components 142-0701-851
5
1
J12
2-pin terminal block
FEC 151-785
6
3
K1, K2, K3
JUMPER2/SIP3
FEC 512-047 and FEC 150-410
7
1
U1
ADG904-R/ADG904
Analog Devices, Inc.
ORDERING GUIDE
Model1
Description
EVAL-ADG904EBZ
Evaluation Board
EVAL-ADG904REBZ
Evaluation Board
1
Z = RoHS Compliant Part.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com