Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADG904-R Datasheet(PDF) 1 Page - Analog Devices

Part # EVAL-ADG904-R
Description  Evaluation Board for Wideband CMOS 4 1 Mux/SP4T
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADG904-R Datasheet(HTML) 1 Page - Analog Devices

  EVAL-ADG904-R_15 Datasheet HTML 1Page - Analog Devices EVAL-ADG904-R_15 Datasheet HTML 2Page - Analog Devices EVAL-ADG904-R_15 Datasheet HTML 3Page - Analog Devices EVAL-ADG904-R_15 Datasheet HTML 4Page - Analog Devices EVAL-ADG904-R_15 Datasheet HTML 5Page - Analog Devices EVAL-ADG904-R_15 Datasheet HTML 6Page - Analog Devices EVAL-ADG904-R_15 Datasheet HTML 7Page - Analog Devices EVAL-ADG904-R_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Evaluation Board for Wideband
CMOS 4:1 Mux/SP4T
EVAL-ADG904/ADG904-R
Rev.
A
Evaluation boards are only intended for device evaluation and not for production purposes.
Evaluation boards are supplied “as is” and without warranties of any kind, express, implied, or
statutory including, but not limited to, any implied warranty of merchantability or fitness for a
particular purpose. No license is granted by implication or otherwise under any patents or other
intellectual property by application or use of evaluation boards. Information furnished by Analog
Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog
Devicesforitsuse,norforanyinfringementsofpatentsorotherrightsofthirdpartiesthatmayresult
from its use. Analog Devices reserves the right to change devices or specifications at any time
without notice.Trademarks and registered trademarks are the property of their respective owners.
Evaluationboardsarenotauthorizedtobeusedinlifesupportdevicesorsystems.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007–2013
Analog Devices, Inc. All rights reserved.
FEATURES
Evaluation board for the ADG904/ADG904-R
RF through for evaluation board calibration
INTRODUCTION
This evaluation board document describes the evaluation board
for the ADG904/ADG904-R wideband multiplexers.
The ADG904/ADG904-R are wideband, analog 4:1 multiplexers,
using a CMOS process to provide high isolation and low inser-
tion loss to 1 GHz. The ADG904 is an absorptive/matched mux
having 50 Ω terminated shunt legs, whereas the ADG904-R is a
reflective mux. These devices are designed such that the isolation
is high over the dc to1 GHz frequency range.
The ADG904/ADG904-R switch one of four inputs to a
common output, RFC, as determined by the 3-bit binary
address lines (A0, A1, and EN). A Logic 1 on the EN pin
disables the device.
The ADG904/ADG904-R have on-board CMOS control logic,
thus eliminating the need for external controlling circuitry. The
control inputs are CMOS compatible.
Complete information and specifications for the ADG904 and
ADG904-R are available in the ADG904/ADG904-R data sheet
available from Analog Devices, Inc., and should be consulted in
conjunction with this evaluation board document when using
the evaluation board.
EVAL-ADG904-R/ADG904
C1
VDD
GND
J12
1
J3
K1
HL
EN
J1
K3
HL
A0
J2
K2
HL
A1
RF1
RF3
RFC
J5
J7
J4
RF2
RF4
CAL
CAL
J6
J8
J10
J9
U1
C2 C3
Figure 1. Evaluation Board (Top View)
POWER SUPPLIES
This evaluation board has one analog power supply input,
VDD, and a ground (GND). VDD can equal 1.65 V to 2.75 V.
The A0, A1, and EN control inputs are applied by the SMB
connectors; or, they can be tied high to VDD or low to GND by
using the links (K1 to K3) on the evaluation board. See Table 1
for details.
Table 1. Link Operation
A1 (K2)
A0 (K3)
EN (K1)
On Switch
X
X
H
None
L
L
L
RF1
L
H
L
RF2
H
L
L
RF3
H
H
L
RF4


Similar Part No. - EVAL-ADG904-R_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADG904EBZ AD-EVAL-ADG904EBZ Datasheet
517Kb / 17P
Wideband 2.5 GHz, 37 dB Isolation at 1 GHz, CMOS 1.65V to 2.75V, 4:1 Mux/SP4T
REV. C
EVAL-ADG904REBZ AD-EVAL-ADG904REBZ Datasheet
517Kb / 17P
Wideband 2.5 GHz, 37 dB Isolation at 1 GHz, CMOS 1.65V to 2.75V, 4:1 Mux/SP4T
REV. C
EVAL-ADG904 AD-EVAL-ADG904_15 Datasheet
148Kb / 8P
Evaluation Board for Wideband CMOS 4 1 Mux/SP4T
REV. A
More results

Similar Description - EVAL-ADG904-R_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG904 AD-ADG904 Datasheet
354Kb / 16P
Wideband, 37 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
5/04-Revision 0
logo
Asahi Kasei Microsystem...
AKD4368 AKM-AKD4368 Datasheet
628Kb / 39P
Evaluation board Rev.1 for AK4368
logo
Analog Devices
ADG904BRUZ AD-ADG904BRUZ Datasheet
517Kb / 17P
Wideband 2.5 GHz, 37 dB Isolation at 1 GHz, CMOS 1.65V to 2.75V, 4:1 Mux/SP4T
REV. C
logo
Integrated Device Techn...
QS3253S1G IDT-QS3253S1G Datasheet
223Kb / 5P
DUAL 4 1 MUX/DEMUX HIGH-SPEED CMOS QUICKSWITCH DUAL 4 1 MUX/DEMUX
logo
Analog Devices
EVAL-ADG772 AD-EVAL-ADG772_15 Datasheet
243Kb / 8P
Evaluation Board for CMOS Low Power Dual 2:1
REV. 0
ADG904 AD-ADG904_15 Datasheet
517Kb / 17P
CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. C
ADG904R AD-ADG904R_15 Datasheet
517Kb / 17P
CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. C
EVAL-ADG904 AD-EVAL-ADG904_15 Datasheet
148Kb / 8P
Evaluation Board for Wideband CMOS 4 1 Mux/SP4T
REV. A
logo
Integrated Device Techn...
IDTQS4A210 IDT-IDTQS4A210_14 Datasheet
265Kb / 7P
HIGH-PERFORMANCE CMOS TWO CHANNEL SP4T MUX/DEMUX
IDTQS4A215 IDT-IDTQS4A215_15 Datasheet
127Kb / 7P
HIGH-PERFORMANCE CMOS SIX CHANNEL SP4T MUX/DEMUX
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com