Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE302A Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE302A
Description  Low Voltage Detector with Built-in Delay Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE302A Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE302A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE302A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE302A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE302A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE302A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE302A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE302A Datasheet HTML 7Page - ACE Technology Co., LTD. ACE302A Datasheet HTML 8Page - ACE Technology Co., LTD. ACE302A Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ACE302A
Low Voltage Detector with Built-in Delay Circuit
VER 1.2
2
Packaging Type
SOT-23-3
SOT-23-5
SOT-89-3
SC-82
SOT-23-3
SOT-23-5
SOT-89-3
SC-82
Description
Function
1
2
2
2
VDD
Voltage input Pin
2
1
1
1
VOUT
Voltage detection output pin
3
3
3
4
VSS
GND Pin
4
3
NC
No connection
5
NC
No connection
Ordering information
ACE302A X XXX XX + H
Halogen - free
Pb - free
BM: SOT-23-3L
Detector Voltage:
090…0.9V / 100…1.0V / 263…2.63V / 300…3.0V /
465…4.65V…..600…6.0V (In 0.1V step)
Output type:
N: Nch
C: CMOS
BM: SOT-23-3
BN: SOT-23-5
AM: SOT-89-3
QM: SC-82



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com