Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE302A Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE302A
Description  Low Voltage Detector with Built-in Delay Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE302A Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE302A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE302A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE302A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE302A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE302A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE302A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE302A Datasheet HTML 7Page - ACE Technology Co., LTD. ACE302A Datasheet HTML 8Page - ACE Technology Co., LTD. ACE302A Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ACE302A
Low Voltage Detector with Built-in Delay Circuit
VER 1.2
3
Symbol
Parameter
Conditions
Reference data
Unit
Min.
Typ.
Max.
-VDET
Detection
Voltage*1
-
−V
DET(S)
×0.98
−V
DET(S)
−V
DET(S)
×1.02
V
VHYS
Hysteresis
Width
-
0.02×
−V
0.05×
−V
0.08×
−V
V
Lss
Current
Consumpti
VDD=-VDET+
0.5V
ACE302A C/N20~26
-
1.0
3.0
μA
ACE302A C/N26~39
-
1.2
3.2
μA
ACE302A C/N39~60
-
1.5
3.5
μA
VDD
Operating
Voltage
-
0.95
-
7
V
LOUT
Output
current
NMOS: V
OUT
=0.5 V
V
DD= - VDET-
0.5 V
ACE302A C/N20~26
3.0
13.0
-
mA
ACE302A C/N26~39
3.0
15.0
-
mA
ACE302A C/N39~60
3.0
18.0
-
mA
PMOS:
V
DD-VOUT=
0.5V
V
DD=-VDET
+0.5V
ACE302A C/N20~26
1.5
4.0
-
mA
ACE302A C/N26~39
1.5
6.0
-
mA
ACE302A C/N39~60
1.5
8.0
-
mA
ILEAK
Leakage
Current
Only for NMOS open-drain output
products, V
DD =8.0 V, VOUT =8.0 V
-
1.0
μA
Temperature
Coefficient
Ta=
−40°C ~+85°C
-
±120
±360
ppm/°C
TPLH
Delay time
Vin=Vdet+0.5V
130
210
290
ms
Block diagram
N channel open-drain
CMOS output
Electrical Characteristics
(Ta=25°C, unless otherwise specified)
DET(S)
DET(S)
DET(S)
*1.
−VDET: Actual detection voltage value, −VDET(S): Specified detection voltage value



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com