Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE302A Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE302A
Description  Low Voltage Detector with Built-in Delay Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE302A Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE302A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE302A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE302A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE302A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE302A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE302A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE302A Datasheet HTML 7Page - ACE Technology Co., LTD. ACE302A Datasheet HTML 8Page - ACE Technology Co., LTD. ACE302A Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ACE302A
Low Voltage Detector with Built-in Delay Circuit
VER 1.2
1
Description
The ACE302A Series is a series of high-precision voltage detectors with a built-in delay time generator of
fixed time. developed using CMOS process.
The detection voltage is fixed internally, with an accuracy of ±2.0%. Internal oscillator and counter timer
can delay the release signal without external parts, delay times 210 ms Two output forms, NMOS
open-drain and CMOS output are available.
Features
• High-precision detection Voltage:±2%
• Detection Voltage:1.5V~6.0V (10mV steps)
• Operating Voltage range:0.95V~7.0V
• Ultra-low current consumption:0.9μA@3.5V(Typ.)
• Two Output forms: CMOS and N-channel open-drain (Active Low)
• Hysteresis characteristics:-VDET*5%(Typ.)
• Delay time:210 ms(Typ.)
Application
• Memory battery back-up circuits
• Power-on reset circuits
• Power failure detection
• Power monitor for portable equipment such as notebook computers, digital cameras, PDA,
and cellular phones
• Constant voltage power monitors for cameras, video equipment and communication devices
• Power monitor for microcomputers and reset for CPUs
Absolute Maximum Rating
(Ta=25°C, unless otherwise specified)
Parameter
Max
Unit
Power supply voltage(VDD)
VSS-0.3 ~ VSS+8
V
Output voltage(VOUT)
VSS-0.3 ~ VSS+8
V
Power dissipation(PD)
250
250
mW
500
500
mW
500
500
mW
250
250
mW
Operating ambient temperature(Topr)
-40 ~+85
°C
Storage temperature(Tstg)
-40 ~+125
°C
Soldering Temperature & Time(Tsolder)
260℃, 10s


Similar Part No. - ACE302A

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE302 ACE-ACE302 Datasheet
953Kb / 13P
Low Voltage Detector with Built-in Delay Circuit
VER 1.2
ACE302 ACE-ACE302 Datasheet
953Kb / 13P
Low Voltage Detector with Built-in Delay Circuit
VER 1.3
ACE302 ACE-ACE302 Datasheet
1Mb / 14P
Low Voltage Detector with Built-in Delay Circuit
VER 1.5
ACE302C090ABM+H ACE-ACE302C090ABM+H Datasheet
953Kb / 13P
Low Voltage Detector with Built-in Delay Circuit
VER 1.2
ACE302C090ABM+H ACE-ACE302C090ABM+H Datasheet
953Kb / 13P
Low Voltage Detector with Built-in Delay Circuit
VER 1.3
More results

Similar Description - ACE302A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3130N16EA RICOH-R3130N16EA Datasheet
273Kb / 32P
Low Voltage Detector with built-in Delay Circuit
logo
SHANGHAI BELLING CO., L...
BL8509 BELLING-BL8509 Datasheet
538Kb / 17P
Low Voltage Detector with Built-in Delay Circuit
logo
RICOH electronics devic...
R3130N RICOH-R3130N_04 Datasheet
333Kb / 29P
Low Voltage Detector with Built-in Delay Circuit
logo
ACE Technology Co., LTD...
ACE302 ACE-ACE302 Datasheet
953Kb / 13P
Low Voltage Detector with Built-in Delay Circuit
VER 1.2
ACE302 ACE-ACE302_1 Datasheet
953Kb / 13P
Low Voltage Detector with Built-in Delay Circuit
VER 1.3
ACE302 ACE-ACE302_12 Datasheet
1Mb / 14P
Low Voltage Detector with Built-in Delay Circuit
VER 1.5
ACE306A ACE-ACE306A Datasheet
233Kb / 8P
Low Voltage Detector with Built-in Delay Circuit
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8509D BELLING-BL8509D Datasheet
328Kb / 12P
Low Voltage Detector with Built-in Delay Circuit
BL8511 BELLING-BL8511 Datasheet
550Kb / 5P
Low Voltage Detector With Built-in Delay Circuit
BL8509C BELLING-BL8509C Datasheet
573Kb / 7P
Low Voltage Detector With Built-in Delay Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com