Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1978 Datasheet(PDF) 4 Page - California Eastern Labs

Part # 2SA1978
Description  PNP EPITAXIAL SILICON TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SA1978 Datasheet(HTML) 4 Page - California Eastern Labs

  2SA1978 Datasheet HTML 1Page - California Eastern Labs 2SA1978 Datasheet HTML 2Page - California Eastern Labs 2SA1978 Datasheet HTML 3Page - California Eastern Labs 2SA1978 Datasheet HTML 4Page - California Eastern Labs 2SA1978 Datasheet HTML 5Page - California Eastern Labs 2SA1978 Datasheet HTML 6Page - California Eastern Labs 2SA1978 Datasheet HTML 7Page - California Eastern Labs 2SA1978 Datasheet HTML 8Page - California Eastern Labs 2SA1978 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
1
10
100
0
0.5
1
1.5
2
100
–10
10
20
30
200 300 500
1000
3000
0
f = 1 MHz
INSERTION GAIN vs. FREQUENCY
VCBO - Collector to Base Voltage - V
f - Frequency - MHz
VCE = –10 V
IC = –15 mA
VCE = 1 V
IC = –5 mA
DC CURRENT GAIN vs.
COLLECTOR CURRENT
–0.1
100
10
1
100
10
1
–1
–10
–100
–1000
Ic - Collector Current - mA
VCE = –10 V
–0.1
–1
–10
–100
–1000
Ic - Collector Current - mA
VCE = –3 V
VCE = –2 V
VCE = –1 V
DC CURRENT GAIN vs.
COLLECTOR CURRENT
FEED-BACK CAPACITANCE vs.
COLLECTOR TO BASE VOLTAGE
NE97833 / 2SA1978



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com