Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1978 Datasheet(PDF) 7 Page - California Eastern Labs

Part # 2SA1978
Description  PNP EPITAXIAL SILICON TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SA1978 Datasheet(HTML) 7 Page - California Eastern Labs

Back Button 2SA1978 Datasheet HTML 2Page - California Eastern Labs 2SA1978 Datasheet HTML 3Page - California Eastern Labs 2SA1978 Datasheet HTML 4Page - California Eastern Labs 2SA1978 Datasheet HTML 5Page - California Eastern Labs 2SA1978 Datasheet HTML 6Page - California Eastern Labs 2SA1978 Datasheet HTML 7Page - California Eastern Labs 2SA1978 Datasheet HTML 8Page - California Eastern Labs 2SA1978 Datasheet HTML 9Page - California Eastern Labs 2SA1978 Datasheet HTML 10Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
S-PARAMETER
(VCE = 3 V, IC = 5 mA, Zo = 50 Ω)
f
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.558
−
37.1
11.0
153.
0.0288
74.3
915
−
16.3
200
0.485
−
67.9
9.13
133.
0.0467
83.0
784
−
27.0
300
0.423
−
92.5
7.48
119.
0.0611
58.1
670
−
33.0
400
0.381
−
111
6.21
109.
0.0703
56.5
590
−
36.0
500
0.353
−
127
5.18
101.
0.0801
56.1
531
−
37.4
600
0.339
−
140
4.47
95.1
0.0880
56.7
490
−
38.1
700
0.329
−
151
3.92
89.9
0.0938
57.5
461
−
33.8
800
0.325
−
160
3.48
84.9
0.104
57.9
438
−
39.8
900
0.325
−
169
3.14
80.7
0.113
58.7
419
−
40.4
1000
0.326
−
176
2.87
76.9
0.122
59.5
408
−
41.6
1100
0.330
177
2.64
73.0
0.131
60.5
393
−
42.8
1200
0.335
170
2.44
69.6
0.140
61.2
386
−
44.0
1300
0.339
165
2.28
66.5
0.150
61.3
377
−
45.9
1400
0.345
160
2.13
63.3
0.160
61.9
366
−
47.5
1500
0.351
155
2.01
60.2
0.170
61.9
362
−
49.0
1600
0.360
151
1.90
57.4
0.181
61.8
354
−
51.0
1700
0.366
147
1.81
54.6
0.191
61.8
349
−
53.0
1800
0.374
143
1.72
52.0
0.202
61.7
344
−
55.5
1900
0.382
140
1.65
49.5
0.213
61.3
337
−
58.1
2000
0.390
137
1.58
47.0
0.223
61.0
334
−
60.4
2100
0.396
133
1.52
44.6
0.233
60.4
328
−
63.0
2200
0.404
130
1.46
42.4
0.243
60.2
321
−
65.9
2300
0.413
127
1.41
40.2
0.251
59.4
318
−
68.3
2400
0.418
125
1.36
38.0
0.273
58.9
314
−
72.1
2500
0.427
122
1.32
35.9
0.255
58.2
303
−
74.8
NE97833 / 2SA1978



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com