Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1978 Datasheet(PDF) 9 Page - California Eastern Labs

Part # 2SA1978
Description  PNP EPITAXIAL SILICON TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SA1978 Datasheet(HTML) 9 Page - California Eastern Labs

Back Button 2SA1978 Datasheet HTML 2Page - California Eastern Labs 2SA1978 Datasheet HTML 3Page - California Eastern Labs 2SA1978 Datasheet HTML 4Page - California Eastern Labs 2SA1978 Datasheet HTML 5Page - California Eastern Labs 2SA1978 Datasheet HTML 6Page - California Eastern Labs 2SA1978 Datasheet HTML 7Page - California Eastern Labs 2SA1978 Datasheet HTML 8Page - California Eastern Labs 2SA1978 Datasheet HTML 9Page - California Eastern Labs 2SA1978 Datasheet HTML 10Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
S-PARAMETER
(VCE = 10 V, IC = 15 mA, Zo = 50 Ω)
f
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.354
−
46.6
17.87
147.
0.0190
74.6
866
−
18.3
200
0.290
−
81.8
13.45
125.
0.0317
70.0
708
−
26.9
300
0.247
−
107
10.35
113.
0.0420
68.4
601
−
29.8
400
0.226
−
126
8.294
104.
0.0518
68.3
539
−
30.5
500
0.215
−
141
6.799
97.8
0.0626
69.8
497
−
30.2
600
0.210
−
154
5.805
92.4
0.0720
70.8
470
−
30.1
700
0.208
−
164
5.050
88.1
0.0820
71.0
450
−
30.2
800
0.211
−
172
4.475
84.1
0.0919
70.9
435
−
30.6
900
0.215
179
4.008
80.5
0.102
70.9
423
−
31.1
1000
0.218
172
3.647
77.2
0.112
70.7
415
−
32.2
1100
0.225
166
3.345
74.2
0.121
70.9
405
−
32.9
1200
0.232
160
3.086
71.1
0.133
70.3
400
−
34.2
1300
0.237
156
2.871
68.4
0.143
70.2
394
−
35.7
1400
0.244
151
2.685
65.7
0.153
69.7
386
−
36.8
1500
0.251
147
2.532
63.2
0.165
69.2
381
−
38.4
1600
0.261
143
2.392
60.5
0.174
68.7
376
−
39.9
1700
0.268
140
2.265
58.2
0.185
68.0
373
−
41.6
1800
0.276
137
2.155
55.7
0.196
67.3
366
−
43.7
1900
0.284
134
2.059
53.5
0.207
66.5
360
−
45.7
2000
0.292
131
1.974
51.1
0.219
65.8
356
−
47.5
2100
0.299
128
1.897
49.0
0.230
65.1
350
−
49.7
2200
0.308
125
1.826
46.9
0.242
64.2
345
−
51.8
2300
0.317
123
1.763
44.7
0.252
63.3
341
−
53.8
2400
0.324
121
1.697
42.7
0.264
62.4
337
−
56.7
2500
0.332
119
1.646
40.7
0.276
61.5
331
−
58.8
NE97833 / 2SA1978



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com