Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5336 Datasheet(PDF) 3 Page - California Eastern Labs

Part # 2SC5336
Description  NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC5336 Datasheet(HTML) 3 Page - California Eastern Labs

  2SC5336 Datasheet HTML 1Page - California Eastern Labs 2SC5336 Datasheet HTML 2Page - California Eastern Labs 2SC5336 Datasheet HTML 3Page - California Eastern Labs 2SC5336 Datasheet HTML 4Page - California Eastern Labs 2SC5336 Datasheet HTML 5Page - California Eastern Labs 2SC5336 Datasheet HTML 6Page - California Eastern Labs 2SC5336 Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Data Sheet P10938EJ2V0DS
3
TYPICAL CHARACTERISTICS (Unless otherwise specified, TA = +25°°°°C)
Mounted on Ceramic Substrate
(16 cm2 × 0.7 mm (t) )
2.0
1.0
0
50
100
150
Ambient Temperature TA (°C)
TOTAL POWER DISSIPATION
vs. AMBIENT TEMPERATURE
VCE = 10 V
Collector Current IC (mA)
DC CURRENT GAIN vs.
COLLECTOR CURRENT
200
100
20
50
10
10
0.5
1
5
50
f = 1 MHz
Collector to Base Voltage VCB (V)
REVERSE TRANSFER CAPACITANCE
vs. COLLECTOR TO BASE VOLTAGE
5.0
2.0
3.0
0.3
1.0
0.5
1
3
5
10
20 30
VCE = 10 V
f = 1 GHz
Collector Current IC (mA)
vs. COLLECTOR CURRENT
INSERTION POWER GAIN
15
10
5
0
1
3
5
10
20 30 50
100
Collector Current IC (mA)
GAIN BANDWIDTH PRODUCT
vs. COLLECTOR CURRENT
10
2
3
5
0.3
0.5
1
20
30 50
1
3
5
10
VCE = 10 V
f = 1 GHz
VCE = 10 V
IC = 20 mA
Frequency f (GHz)
INSERTION POWER GAIN, MAG
vs. FREQUENCY
20
10
0
0.2
0.4
0.6 0.8 1.0 1.4 2.0
MAG
|S21e|2
NE856M02 / 2SC5336



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com