Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5336 Datasheet(PDF) 5 Page - California Eastern Labs

Part # 2SC5336
Description  NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC5336 Datasheet(HTML) 5 Page - California Eastern Labs

  2SC5336 Datasheet HTML 1Page - California Eastern Labs 2SC5336 Datasheet HTML 2Page - California Eastern Labs 2SC5336 Datasheet HTML 3Page - California Eastern Labs 2SC5336 Datasheet HTML 4Page - California Eastern Labs 2SC5336 Datasheet HTML 5Page - California Eastern Labs 2SC5336 Datasheet HTML 6Page - California Eastern Labs 2SC5336 Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Data Sheet P10938EJ2V0DS
5
S-PARAMETERS
VCE = 10 V, IC = 20 mA
Frequency
S11
S21
S12
S22
(GHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
).
g
e
d
(
).
g
e
d
(
).
g
e
d
(
).
g
e
d
(
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
0.519
0.413
0.413
0.345
0.331
0.320
0.302
0.296
0.283
0.285
0.265
0.260
0.263
0.242
0.252
0.253
0.253
0.257
0.262
0.273
−
74.5
−
112.9
−
133.4
−
145.7
−
153.8
−
159.6
−
166.8
−
169.2
−
173.2
−
179.8
175.2
174.1
166.0
163.0
160.1
154.0
149.9
147.2
143.0
141.5
30.931
18.965
13.324
10.164
8.177
6.834
5.832
5.107
4.600
4.200
3.930
3.979
3.741
3.115
2.844
2.595
2.420
2.305
2.171
2.049
131.9
111.5
101.9
95.9
91.8
89.1
86.7
84.3
83.1
82.3
80.8
78.5
68.6
66.6
65.7
64.1
63.7
63.0
62.6
61.2
0.017
0.031
0.038
0.045
0.055
0.064
0.074
0.077
0.088
0.097
0.100
0.109
0.114
0.119
0.133
0.140
0.158
0.165
0.172
0.177
60.6
61.9
65.1
69.8
71.8
70.9
73.9
74.4
71.2
74.5
76.3
75.9
76.8
78.3
82.0
81.0
80.9
82.2
80.5
78.3
0.752
0.570
0.465
0.428
0.436
0.438
0.434
0.429
0.436
0.455
0.467
0.529
0.551
0.509
0.510
0.496
0.515
0.518
0.536
0.524
−
30.2
−
39.7
−
39.8
−
40.1
−
41.1
−
43.5
−
47.5
−
47.8
−
46.5
−
47.8
−
46.8
−
47.4
−
55.8
−
55.8
−
58.5
−
55.2
−
54.8
−
56.5
−
58.6
−
61.5
VCE = 10 V, IC = 40 mA
Frequency
S11
S21
S12
S22
(GHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
).
g
e
d
(
).
g
e
d
(
).
g
e
d
(
).
g
e
d
(
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
0.378
0.317
0.308
0.299
0.297
0.288
0.274
0.261
0.255
0.260
0.243
0.239
0.245
0.216
0.235
0.243
0.233
0.242
0.249
0.260
−
97.1
−
131.8
−
150.1
−
158.7
−
165.5
−
169.2
−
173.7
−
177.3
178.9
173.0
169.4
169.3
160.3
157.8
155.3
148.8
146.0
144.6
141.9
140.4
32.908
18.819
12.955
9.775
7.899
6.586
5.607
4.879
4.435
4.024
3.801
3.827
3.587
2.980
2.726
2.537
2.348
2.200
2.073
1.986
123.3
106.0
97.5
93.1
89.8
87.6
85.2
83.5
82.2
81.4
80.6
78.2
68.4
66.0
66.1
64.0
64.2
63.5
63.3
61.7
0.017
0.027
0.035
0.042
0.052
0.061
0.071
0.081
0.092
0.095
0.098
0.109
0.117
0.125
0.137
0.143
0.159
0.163
0.171
0.184
71.1
71.2
71.8
78.1
78.5
79.1
77.4
76.4
76.5
77.6
77.1
78.3
78.0
80.3
86.5
80.6
81.2
80.4
81.7
77.5
0.665
0.487
0.398
0.393
0.399
0.407
0.400
0.415
0.399
0.440
0.441
0.494
0.517
0.486
0.500
0.474
0.496
0.491
0.534
0.535
−
34.7
−
38.7
−
38.5
−
36.9
−
37.6
−
39.9
−
44.6
−
47.4
−
46.2
−
44.3
−
45.2
−
46.2
−
55.4
−
54.5
−
59.0
−
53.7
−
56.8
−
53.6
−
58.0
−
61.3
NE856M02 / 2SC5336



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com