Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5336 Datasheet(PDF) 4 Page - California Eastern Labs

Part # 2SC5336
Description  NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC5336 Datasheet(HTML) 4 Page - California Eastern Labs

  2SC5336 Datasheet HTML 1Page - California Eastern Labs 2SC5336 Datasheet HTML 2Page - California Eastern Labs 2SC5336 Datasheet HTML 3Page - California Eastern Labs 2SC5336 Datasheet HTML 4Page - California Eastern Labs 2SC5336 Datasheet HTML 5Page - California Eastern Labs 2SC5336 Datasheet HTML 6Page - California Eastern Labs 2SC5336 Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Data Sheet P10938EJ2V0DS
4
–90
–100
–80
–70
–60
–40
–50
–30
20
30
40
50
60
70
Collector Current IC (mA)
IM3, IM2 vs. COLLECTOR CURRENT
IM2
IM3
VCE = 10 V,
Vin = 100 dB V/50 Ω
Rg = Re = 50 Ω
IM2 : f = 90 + 100 MHz
IM3 : f = 2 × 200 – 190 MHz
μ
7
6
5
4
3
2
1
0
0.5
1
5
10
50
Collector Current IC (mA)
NOISE FIGURE vs.
COLLECTOR CURRENT
VCE = 10 V
f = 1 GHz
Remark The graphs indicate nominal characteristics.
NE856M02 / 2SC5336



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com